Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 29Page - STMicroelectronics STA335W Datasheet HTML 30Page - STMicroelectronics STA335W Datasheet HTML 31Page - STMicroelectronics STA335W Datasheet HTML 32Page - STMicroelectronics STA335W Datasheet HTML 33Page - STMicroelectronics STA335W Datasheet HTML 34Page - STMicroelectronics STA335W Datasheet HTML 35Page - STMicroelectronics STA335W Datasheet HTML 36Page - STMicroelectronics STA335W Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
STA335W
Register description
33/43
Writing a single coefficient to RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of address to I2C register 0x16.
3.
Write top 8-bits of coefficient in I2C address 0x17.
4.
Write middle 8-bits of coefficient in I2C address 0x18.
5.
Write bottom 8-bits of coefficient in I2C address 0x19.
6.
Write 1 to W1 bit in I2C address 0x26.
5.9.6
Post-scale
The STA335W provides one additional multiplication after the last interpolation stage and
the distortion compensation on each channel. This post-scaling is accomplished by using a
24-bit signed fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. The
scale factor for this multiply is loaded into RAM using the same I2C registers as the biquad
coefficients and the bass-management. This post-scale factor can be used in conjunction
with an ADC equipped micro-controller to perform power-supply error correction. All
channels can use the channel-1 post-scale factor by setting the post-scale link bit. By
default, all post-scale factors are set to 0x7FFFFF. When line output is being used,
channel-3 post-scale will affect both channels 3 and 4.
5.9.7
Over-current post-scale
The STA335W provides a simple mechanism for reacting to over-current detection in the
power-block. When the ocwarn input is asserted, the over-current post-scale value is used
in place of the normal post-scale value to provide output attenuation on all channels. The
default setting provides 3 dB of output attenuation when ocwarn is asserted.
The amount of attenuation to be applied in this situation can be adjusted by modifying the
Over-current Post-scale value. As with the normal post-scale, this scaling value is a 24-bit
signed fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. By default,
the over-current post-scale factor is set to 0x5A9DF7. Once the over-current attenuation is
applied, it remains until the device is reset.
5.10
Variable max power correction registers (addr 0x27 - 0x28)
Table 48.
RAM block for scaling management
Index (Decimal)
Index (Hex)
Coefficient
Default
0
Reserved
……
Reserved
52
0x34
Channel 1 - Post-Scale
C1PstS
0x7FFFFF
53
0x35
Channel 2 - Post-Scale
C2PstS
0x7FFFFF
54
0x36
Reserved
55
0x37
TWARN/OC - Limit
TWOCL
0x5A9DF7
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com