Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 22Page - STMicroelectronics STA335W Datasheet HTML 23Page - STMicroelectronics STA335W Datasheet HTML 24Page - STMicroelectronics STA335W Datasheet HTML 25Page - STMicroelectronics STA335W Datasheet HTML 26Page - STMicroelectronics STA335W Datasheet HTML 27Page - STMicroelectronics STA335W Datasheet HTML 28Page - STMicroelectronics STA335W Datasheet HTML 29Page - STMicroelectronics STA335W Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Register description
STA335W
26/43
5.5.1
Max power correction variable
5.5.2
Max power correction
Setting the MPC bit turns on special processing that corrects the STA335W power device at
high power. This mode should lower the THD+N of a full FFX system at maximum power
output and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1,0] = 01) and binary. When OCFG = 00, MPC will not effect channels 3 and 4, the line-
out channels.
5.5.3
Noise-shaper bandwidth selection
5.5.4
AM mode enable
STA335W features aFFX processing mode that minimizes the amount of noise generated in
frequency range of AM radio. This mode is intended for use when FFX is operating in a
device with an AM tuner active. The SNR of the FFX processing is reduced to approximately
83 dB in this mode, which is still greater than the SNR of AM radio.
11
00
00
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Table 29.
Max power correction variable
Bit
R/W
RST
Name
Description
0R/W
0
MPCV
0: Use standard MPC coefficient
1: Use MPCC bits for MPC coefficient
Table 30.
Max power correction
Bit
R/W
RST
Name
Description
1R/W
1
MPC
Setting of 1 enables Power Bridge correction for
THD reduction near maximum power output.
Table 31.
Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: Third order NS
0: Fourth order NS
Table 32.
AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: Normal FFX operation.
1: AM reduction mode FFX operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com