Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 17Page - STMicroelectronics STA335W Datasheet HTML 18Page - STMicroelectronics STA335W Datasheet HTML 19Page - STMicroelectronics STA335W Datasheet HTML 20Page - STMicroelectronics STA335W Datasheet HTML 21Page - STMicroelectronics STA335W Datasheet HTML 22Page - STMicroelectronics STA335W Datasheet HTML 23Page - STMicroelectronics STA335W Datasheet HTML 24Page - STMicroelectronics STA335W Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
STA335W
Register description
21/43
5.2.2
Serial data interface
The STA335W audio serial input was designed to interface with standard digital audio
components and to accept a number of serial data formats. STA335W always acts as slave
when receiving audio input from standard digital audio components. Serial data for two
channels is provided using three inputs: left/right clock LRCKI, serial clock BICKI, and serial
data 1 and 2 SDI12.
The SAI bits (D3 to D0) and the SAIFB bit (D4) are used to specify the serial data format.
The default serial data format is I2S, MSB-first. Available formats are shown in the tables
and figure that follow.
5.2.3
Serial data first bit
Table 18.
Serial data first bit
SAIFB
Format
0
MSB-first
1
LSB-first
Table 19.
Support serial audio input formats for MSB-first (SAIFB = 0)
BICKI
SAI [3:0]
SAIFB
Interface format
32 * fs
0000
0
I2S 15-bit data
0001
0
Left/right-justified 16-bit data
48 * fs
0000
0
I2S 16 to 23-bit data
0001
0
Left-justified 16 to 24-bit data
0010
0
Right-justified 24-bit data
0110
0
Right-justified 20-bit data
1010
0
Right-justified 18-bit data
1110
0
Right-justified 16-bit data
64 * fs
0000
0
I2S 16 to 24-bit data
0001
0
Left-justified 16 to 24-bit data
0010
0
Right-justified 24-bit data
0110
0
Right-justified 20-bit data
1010
0
Right-justified 18-bit data
1110
0
Right-justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com