Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 35Page - STMicroelectronics STA335W Datasheet HTML 36Page - STMicroelectronics STA335W Datasheet HTML 37Page - STMicroelectronics STA335W Datasheet HTML 38Page - STMicroelectronics STA335W Datasheet HTML 39Page - STMicroelectronics STA335W Datasheet HTML 40Page - STMicroelectronics STA335W Datasheet HTML 41Page - STMicroelectronics STA335W Datasheet HTML 42Page - STMicroelectronics STA335W Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
STA335W
Package thermal characteristics
39/43
7
Package thermal characteristics
Using a double-layer PCB the thermal resistance junction to ambient with 2 copper ground
areas of 3 x 3 cm2 and with 16 via holes (see Figure 11) is 24 °C/W in natural air convection.
The dissipated power within the device depends primarily on the supply voltage, load
impedance and output modulation level.
Thus, the maximum estimated dissipated power for the STA335W is:
Figure 11.
Double-layer PCB with 2 copper ground areas and 16 via holes
Figure 12 shows the power derating curve for the PowerSSO-36 package on PCBs with
copper areas of 2 x 2 cm2 and 3 x 3 cm2.
Figure 12.
PowerSSO-36 power derating curve
2 x 20 W @ 8
Ω, 18 V
Pd max ~ 4 W
2 x 10 W + 1 x 20 W @ 4
Ω, 8 Ω, 18 V
Pd max < 5 W
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA335W
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
Copper Area 2x2 cm
and via holes
STA335W
PSSO36
STA335W
PSSO36
Copper Area 3x3 cm
and via holes
Copper Area 3x3 cm
and via holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com