Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 21Page - STMicroelectronics STA335W Datasheet HTML 22Page - STMicroelectronics STA335W Datasheet HTML 23Page - STMicroelectronics STA335W Datasheet HTML 24Page - STMicroelectronics STA335W Datasheet HTML 25Page - STMicroelectronics STA335W Datasheet HTML 26Page - STMicroelectronics STA335W Datasheet HTML 27Page - STMicroelectronics STA335W Datasheet HTML 28Page - STMicroelectronics STA335W Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
STA335W
Register description
25/43
5.3.3
Over-current warning detect adjustment bypass
The OCWARN input is used to indicate an over-current warning condition. When OCWARN
is asserted (set to 0), the power control block forces an adjustment to the modulation limit
(default is -3 dB) in an attempt to eliminate the over-current warning condition. Once the
over-current warning volume adjustment is applied, it remains in this state until reset is
applied. The level of adjustment can be changed via the TWOCL (thermal warning/over
current limit) setting which is address 0x37 of the user defined coefficient RAM.
5.4
Configuration register D (addr 0x03)
5.4.1
Post-scale link
Post-scale functionality can be used for power-supply error correction. For multi-channel
applications running off the same power-supply, the post-scale values can be linked to the
value of channel 1 for ease of use and update the values faster.
5.4.2
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the data for each processing channel at the output of the crossover (bass management)
filter. If any channel receives 2048 consecutive zero value samples (regardless of fs) then
that individual channel is muted if this function is enabled.
5.5
Configuration register E (addr 0x04)
Table 26.
Over-current warning bypass
Bit
R/W
RST
Name
Description
7
R/W
1
OCRB
0: Over-Current warning adjustment enabled
1: Over-Current warning adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
ZDE
Reserved
Reserved
PSL
Reserved
Reserved
Reserved
01
00
00
0
0
Table 27.
Post-scale link
Bit
R/W
RST
Name
Description
3
R/W
0
PSL
0: Each channel uses individual post-scale value
1: Each channel uses channel 1 post-scale value
Table 28.
Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
Setting of 1 enables the automatic zero-detect mute
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com