Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 28Page - STMicroelectronics STA335W Datasheet HTML 29Page - STMicroelectronics STA335W Datasheet HTML 30Page - STMicroelectronics STA335W Datasheet HTML 31Page - STMicroelectronics STA335W Datasheet HTML 32Page - STMicroelectronics STA335W Datasheet HTML 33Page - STMicroelectronics STA335W Datasheet HTML 34Page - STMicroelectronics STA335W Datasheet HTML 35Page - STMicroelectronics STA335W Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Register description
STA335W
32/43
5.9
User-defined coefficient control registers (addr 0x16 - 0x26)
5.9.1
Coefficient address register
5.9.2
Coefficient data register bits 23:16
5.9.3
Coefficient data register bits 15:8
5.9.4
Coefficient data register bits 7:0
5.9.5
Coefficient write/read control register
Coefficients for user-defined scaling are handled internally in the STA335W via RAM.
Access to this RAM is available to the user via an I2C register interface. A collection of I2C
registers are dedicated to this function. One contains a coefficient base address, five sets of
three store the values of the 24-bit coefficients to be written or that were read, and one
contains bits used to control the write/read of the coefficient(s) to/from RAM.
Note:
The read and write operation on RAM coefficients works only if LRCKI (pin 29) is switching.
Reading a coefficient from RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of address to I2C register 0x16.
3.
Write 1 to R1 bit in I2C address 0x26.
4.
Read top 8-bits of coefficient in I2C address 0x17.
5.
Read middle 8-bits of coefficient in I2C address 0x18.
6.
Read bottom 8-bits of coefficient in I2C address 0x19.
D7
D6
D5
D4
D3
D2
D1
D0
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
R1
Reserved
W1
0
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com