Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 3Page - STMicroelectronics STA335W Datasheet HTML 4Page - STMicroelectronics STA335W Datasheet HTML 5Page - STMicroelectronics STA335W Datasheet HTML 6Page - STMicroelectronics STA335W Datasheet HTML 7Page - STMicroelectronics STA335W Datasheet HTML 8Page - STMicroelectronics STA335W Datasheet HTML 9Page - STMicroelectronics STA335W Datasheet HTML 10Page - STMicroelectronics STA335W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
STA335W
Electrical specifications
7/43
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 3 may cause
permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated under
“Recommended operating conditions” are not implied.
Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. In the real
application, power supplies with nominal values rated within
the recommended operating conditions, may experience
some rising beyond the maximum operating conditions for a
short time when no or very low current is sinked (amplifier in
mute state). In this case the reliability of the device is
guaranteed, provided that the absolute maximum ratings are
not exceeded.
3.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
-0.3
30
V
VDD_DIG Digital supply voltage
-0.3
4
V
VDD_PLL PLL supply voltage
-0.3
4
Top
Operating junction temperature
-20
150
°C
Tstg
Storage temperature
-40
150
°C
Table 4.
Thermal data
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction-case (thermal pad)
1.5
°C/W
Tth-sdj
Thermal shut-down junction temperature
150
°C
Tth-w
Thermal warning temperature
130
°C
Tth-sdh
Thermal shut-down hysteresis
20
°C
Rth j-amb
Thermal resistance junction-ambient (1)
1.
See Section 7: Package thermal characteristics on page 39 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com