Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 6Page - STMicroelectronics STA335W Datasheet HTML 7Page - STMicroelectronics STA335W Datasheet HTML 8Page - STMicroelectronics STA335W Datasheet HTML 9Page - STMicroelectronics STA335W Datasheet HTML 10Page - STMicroelectronics STA335W Datasheet HTML 11Page - STMicroelectronics STA335W Datasheet HTML 12Page - STMicroelectronics STA335W Datasheet HTML 13Page - STMicroelectronics STA335W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Electrical specifications
STA335W
10/43
XTALK
Crosstalk
FFX stereo mode,
<5 kHz
One channel driven
at 1 W
Other channel
measured
80
dB
η
Peak efficiency, FFX mode
Po = 2 x 20 W
into 8
Ω
90
%
Peak efficiency,binary modes
Po = 2 x 9 W into 4
Ω
+ 1 x 20 W into 8
Ω
87
1.
Refer to Figure 5: Test circuit 1.
2.
Limit current if the register (OCRB par 6.1.3.3) overcurrent warning detect adjustment bypass is enabled. When disabled
refer to the Isc.
Table 7.
Electrical specifications - power section (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com