Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 27Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 29Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Flash Memory (Link to User's Guide)
The flash memory can be programmed via the JTAG port, Spy-Bi-Wire (SBW), the BSL, or in-system by the
CPU. The CPU can perform single-byte, single-word, and long-word writes to the flash memory. Features of the
flash memory include:
•
Flash memory has n segments of main memory and four segments of information memory (A to D) of
128 bytes each. Each segment in main memory is 512 bytes in size.
•
Segments 0 to n may be erased in one step, or each segment may be individually erased.
•
Segments A to D can be erased individually, or as a group with segments 0 to n. Segments A to D are also
called information memory.
•
Segment A can be locked separately.
RAM Memory (Link to User's Guide)
The RAM memory is made up of n sectors. Each sector can be completely powered down to save leakage;
however, all data is lost. Features of the RAM memory include:
•
RAM memory has n sectors of 4K bytes each.
•
Each sector 0 to n can be complete disabled, however data retention is lost.
•
Each sector 0 to n automatically enters low power retention mode when possible.
Backup RAM Memory (Link to User's Guide)
The Backup RAM provides a limited number of bytes of RAM that are retained during LPM3.5. This Backup RAM
is part of the Backup subsystem that operates on dedicated power supply AUXVCC3.There are 8 bytes of
Backup RAM available in this device. It can be wordwise accessed via the registers BAKMEM0, BAKMEM1,
BAKMEM2, and BAKMEM3. The Backup RAM registers cannot be accessed by CPU when the high-side SVS is
disabled by the user application.
Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using all
instructions. For complete module descriptions, see the MSP430x5xx and MSP430x6xx Family User's Guide
(SLAU208).
Oscillator and System Clock (Link to User's Guide)
The Unified Clock System (UCS) module includes support for a 32768-Hz watch crystal oscillator, an internal
very-low-power low-frequency oscillator (VLO), an internal trimmed low-frequency oscillator (REFO), and an
integrated internal digitally controlled oscillator (DCO). The UCS module is designed to meet the requirements of
both low system cost and low power consumption. The UCS module features digital frequency locked loop (FLL)
hardware that, in conjunction with a digital modulator, stabilizes the DCO frequency to a programmable multiple
of the selected FLL reference frequency. The internal DCO provides a fast turn-on clock source and stabilizes in
less than 5 µs. The UCS module provides the following clock signals:
•
Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal, the internal low-frequency oscillator (VLO), or
the trimmed low-frequency oscillator (REFO).
•
Main clock (MCLK), the system clock used by the CPU. MCLK can be sourced by same sources made
available to ACLK.
•
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules. SMCLK can be sourced by
same sources made available to ACLK.
•
ACLK/n, the buffered output of ACLK, ACLK/2, ACLK/4, ACLK/8, ACLK/16, ACLK/32.
Power Management Module (PMM) (Link to User's Guide)
The PMM includes an integrated voltage regulator that supplies the core voltage to the device and contains
programmable output levels to provide for power optimization. The PMM also includes supply voltage supervisor
(SVS) and supply voltage monitoring (SVM) circuitry, as well as brownout protection. The brownout circuit is
implemented to provide the proper internal reset signal to the device during power-on and power-off. The
SVS/SVM circuitry detects if the supply voltage drops below a user-selectable level and supports both supply
voltage supervision (the device is automatically reset) and supply voltage monitoring (the device is not
automatically reset). SVS and SVM circuitry is available on the primary supply and core supply.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com