Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 39. Port Mapping for Port P4 (Base Address: 01E0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P4.0 mapping register
P4MAP0
00h
Port P4.1 mapping register
P4MAP1
01h
Port P4.2 mapping register
P4MAP2
02h
Port P4.3 mapping register
P4MAP3
03h
Port P4.4 mapping register
P4MAP4
04h
Port P4.5 mapping register
P4MAP5
05h
Port P4.6 mapping register
P4MAP6
06h
Port P4.7 mapping register
P4MAP7
07h
Table 40. Port P1, P2 Registers (Base Address: 0200h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P1 input
P1IN
00h
Port P1 output
P1OUT
02h
Port P1 direction
P1DIR
04h
Port P1 pullup/pulldown enable
P1REN
06h
Port P1 drive strength
P1DS
08h
Port P1 selection 0
P1SEL0
0Ah
Port P1 selection 1
P1SEL1
0Ch
Port P1 interrupt vector word
P1IV
0Eh
Port P1 interrupt edge select
P1IES
18h
Port P1 interrupt enable
P1IE
1Ah
Port P1 interrupt flag
P1IFG
1Ch
Port P2 input
P2IN
01h
Port P2 output
P2OUT
03h
Port P2 direction
P2DIR
05h
Port P2 pullup/pulldown enable
P2REN
07h
Port P2 drive strength
P2DS
09h
Port P2 selection 0
P2SEL0
0Bh
Port P2 selection 1(1)
P2SEL1
0Dh
Port P2 interrupt vector word
P2IV
1Eh
Port P2 interrupt edge select
P2IES
19h
Port P2 interrupt enable
P2IE
1Bh
Port P2 interrupt flag
P2IFG
1Dh
(1)
P2SEL1 is an empty control register to be consistent with P1SEL1 in 16-bit access.
44
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com