Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 71 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Auxiliary Supplies Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage range for all supplies at pins DVCC, AVCC, AUX1, AUX2, AUX3
1.8
3.6
V
PMMCOREVx = 0
1.8
3.6
PMMCOREVx = 1
2.0
3.6
Digital system supply voltage range,
VDSYS
V
VDSYS = VCC – RON × ILOAD
PMMCOREVx = 2
2.2
3.6
PMMCOREVx = 3
2.4
3.6
VASYS
Analog system supply voltage range, VASYS = VCC – RON × ILOAD
See modules
V
TA
Ambient temperature range
-40
85
°C
TA,HTOL
Ambient temperature during HTOL (module should be functional during HTOL)
150
°C
CVCC,CAUX1/2
Recommended capacitor at pins DVCC, AVCC, AUX1, AUX2
4.7
µF
CVSYS
Recommended capacitor at pins VDSYS1, VDSYS2 and VASYS1, VASYS2
4.7
µF
CVCORE
Recommended capacitance at pin VCORE
0.47
µF
CAUX3
Recommended capacitor at pin AUX3
0.47
µF
Auxiliary Supplies - AUX3 (Backup Subsystem) Currents
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA
MIN
TYP
MAX
UNIT
25°C
0.86
AUX3 current with RTC
RTC and 32-kHz oscillator in
IAUX3,RTCon
3 V
µA
enabled
backup subsystem enabled
85°C
1.2
25°C
120
AUX3 current with RTC
RTC and 32-kHz oscillator in
IAUX3,RTCoff
3 V
nA
disabled
backup subsystem disabled
85°C
220
Auxiliary Supplies - Auxiliary Supply Monitor
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOCKAUX = 0, AUXMRx = 0
Average supply current
AUX0MD = 0, AUX1MD = 0, AUX2MD
ICC,Monitor
for monitoring circuitry
= 1,
1.10
µA
drawn from VDSYS
VDSYS = DVCC, VASYS = AVCC,
Current measured at VDSYS
LOCKAUX = 0, AUXMRx = 0
Average current drawn
AUX0MD = 0, AUX1MD = 0, AUX2MD
from monitored supply
IMeas,Montior
= 1,
0.13
µA
during measurement
VDSYS = DVCC, VASYS = AVCC,
cycle
Current measured at AUXVCC1
VSVMH
VSVMH
VSVMH
(SVSMHRRLx
(SVSMHRRLx
(SVSMHRRLx
General
= AUXLVLx)
= AUXLVLx)
= AUXLVLx)
X - 5%
X + 5%
AUXLVLx = 0
1.65
1.75
1.85
AUXLVLx = 1
1.85
1.95
2.05
Auxiliary supply
VMonitor
threshold level (same as
V
AUXLVLx = 2
2.05
2.15
2.25
high-side SVM)
AUXLVLx = 3
2.15
2.25
2.35
AUXLVLx = 4
2.30
2.40
2.55
AUXLVLx = 5
2.57
2.70
2.83
AUXLVLx = 6
2.90
3.00
3.20
AUXLVLx = 7
2.90
3.00
3.20
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com