Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 81 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
SD24_B Power Supply and Recommended Operating Conditions
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage
AVCC = DVCC, AVSS = DVSS = 0 V
2.4
3.6
V
TA
Ambient temperature
-40
85
°C
fSD
Modulator clock frequency
0.03
2.3
MHz
VI
Absolute input voltage range
AVSS - 1V
AVCC
V
VIC
Common-mode input voltage range
AVSS - 1V
AVCC
V
Bipolar Mode, VID = VI,A+ - VI,A-
VREF/GAIN
+VREF/GAIN
VID,FS
Differential full scale input voltage
mV
Unipolar Mode, VID = VI,A+ - VI,A-
0
+VREF/GAIN
SD24GAINx = 1
±900
±930
SD24GAINx = 2
±450
±460
SD24GAINx = 4
±225
±230
SD24GAINx = 8
±112
±120
Differential input voltage for specified
VID
REFON = 1
mV
SD24GAINx = 16
±56
±60
performance(1)
SD24GAINx = 32
±28
±30
SD24GAINx = 64
±14
±14
SD24GAINx =
±7
±7.25
128
CREF
VREF load capacitance(2)
SD24REFS = 1
100
nF
(1)
The full-scale range (FSR) is defined by VFS+ = +VREF/GAIN and VFS-= -VREF/GAIN: FSR = VFS+ - VFS-= 2*VREF/GAIN. If VREF is sourced
externally, the analog input range should not exceed 80% of VFS+ or VFS-; that is, VID = 0.8 VFS- to 0.8 VFS+. If VREF is sourced internally,
the given VID ranges apply. MIN values are calculated based on a VREF of 1.125V. TYP values are calculated based on a VREF of 1.16
V.
(2)
There is no capacitance required on VREF. However, a capacitance of 100nF is recommended to reduce any reference voltage noise.
SD24_B Analog Input
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD24GAINx = 1
5.0
SD24GAINx = 2
5.0
SD24GAINx = 4
5.0
CI
Input capacitance
pF
SD24GAINx = 8
5.0
SD24GAINx = 16
5.0
SD24GAINx = 32, 64, 128
5.0
SD24GAINx = 1
3 V
200
Input impedance
ZI
fSD24 = 1MHz
SD24GAINx = 8
3 V
200
k
Ω
(pin A+ or A- to AVSS)
SD24GAINx = 32
3 V
200
SD24GAINx = 1
3 V
300
400
Differential input impedance
ZID
fSD24 = 1MHz
SD24GAINx = 8
3 V
400
k
Ω
(pin A+ to pin A-)
SD24GAINx = 32
3 V
300
400
(1)
All parameters pertain to each SD24_B converter.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com