Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 91 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 90Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 91Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 92Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 93Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 94Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Flash Memory (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
tCPT
Cumulative program time
See (1)
16
ms
Program and erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time
See (2)
64
85
µs
tBlock, 0
Block program time for first byte or word
See (2)
49
65
µs
Block program time for each additional byte or word, except for last
tBlock, 1–(N–1)
See (2)
37
49
µs
byte or word
tBlock, N
Block program time for last byte or word
See (2)
55
73
µs
Erase time for segment erase, mass erase, and bank erase when
tErase
See (2)
23
32
ms
available
MCLK frequency in marginal read mode
fMCLK,MGR
0
1
MHz
(FCTL4.MGR0 = 1 or FCTL4. MGR1 = 1)
(1)
The cumulative program time must not be exceeded when writing to a 128-byte flash block. This parameter applies to all programming
methods: individual word/byte write and block write modes.
(2)
These values are hardwired into the flash controller's state machine.
JTAG and Spy-Bi-Wire Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSBW
Spy-Bi-Wire input frequency
2.2 V, 3 V
0
20
MHz
tSBW,Low
Spy-Bi-Wire low clock pulse length
2.2 V, 3 V
0.025
15
µs
Spy-Bi-Wire enable time (TEST high to acceptance of first clock
tSBW, En
2.2 V/3 V
1
µs
edge)(1)
tSBW,Rst
Spy-Bi-Wire return to normal operation time
15
100
µs
2.2 V
0
5
MHz
fTCK
TCK input frequency for 4-wire JTAG(2)
3 V
0
10
MHz
Rinternal
Internal pulldown resistance on TEST
2.2 V, 3 V
45
60
80
k
Ω
(1)
Tools accessing the Spy-Bi-Wire interface need to wait for the minimum tSBW,En time after pulling the TEST/SBWTCK pin high before
applying the first SBWTCK clock edge.
(2)
fTCK may be restricted to meet the timing requirements of the module selected.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com