Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 84 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
SD24_B Performance (continued)
fSD24 = 1 MHz, SD24OSRx = 256, SD24REFON = 1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SD24GAIN: 1, fCM = 50 Hz, VCM = 930 mV
3 V
-120
Common mode rejection at
CMRR,50Hz
SD24GAIN: 8, fCM = 50 Hz, VCM = 120 mV
3 V
-110
dB
50 Hz(8)
SD24GAIN: 32, fCM = 50 Hz, VCM = 30 mV
3 V
-100
SD24GAIN: 1, VCC = 3 V + 50 mV × sin(2π × fVCC ×
-61
t), fVCC = 50 Hz
AC
AC power supply rejection
SD24GAIN: 8, VCC = 3 V + 50 mV × sin(2π × fVCC ×
-75
dB
PSRR,ext
ratio, external reference(9)
t), fVCC = 50 Hz
SD24GAIN: 32, VCC = 3 V + 50 mV × sin(2π × fVCC ×
-79
t), fVCC = 50 Hz
SD24GAIN: 1, VCC = 3 V + 50 mV × sin(2π × fVCC ×
-61
t), fVCC = 50 Hz
AC
AC power supply rejection
SD24GAIN: 8, VCC = 3 V + 50 mV × sin(2π × fVCC ×
-75
dB
PSRR,int
ratio, internal reference(9)
t), fVCC = 50 Hz
SD24GAIN: 32, VCC = 3 V + 50 mV × sin(2π × fVCC ×
-79
t), fVCC = 50 Hz
Crosstalk source: SD24GAIN: 1, Sine-wave with
maximum possible Vpp, fIN = 50 Hz, 100 Hz,
3 V
-120
Converter under test: SD24GAIN: 1
Crosstalk source: SD24GAIN: 1, Sine-wave with
Crosstalk between
XT
maximum possible Vpp, fIN = 50 Hz, 100 Hz,
3 V
-115
dB
converters(10)
Converter under test: SD24GAIN: 8
Crosstalk source: SD24GAIN: 1, Sine-wave with
maximum possible Vpp, fIN = 50 Hz, 100 Hz,
3 V
-110
Converter under test: SD24GAIN: 32
(8)
The AC CMRR is the difference between a hypothetical signal with the amplitude and frequency of the applied common mode ripple
applied to the inputs of the ADC and the actual common mode signal spur visible in the FFT spectrum:
AC CMRR = Error Spur [dBFS] - 20log(VCM/1.2V/G) [dBFS] with a common mode signal of VCM × sin(2π × fCM × t) applied to the analog
inputs.
The AC CMRR is measured with the both inputs connected to the common mode signal; that is, no differential input signal is applied.
With the specified typical values the error spur is within the noise floor (as specified by the SINAD values).
(9)
The AC PSRR is the difference between a hypothetical signal with the amplitude and frequency of the applied supply voltage ripple
applied to the inputs of the ADC and the actual supply ripple spur visible in the FFT spectrum:
AC PSRR = Error Spur [dBFS] - 20log(50mV/1.2V/G) [dBFS] with a signal of 50mV × sin(2
π × fVCC × t) added to VCC.
The AC PSRR is measured with the inputs grounded; that is, no analog input signal is applied.
With the specified typical values the error spur is within the noise floor (as specified by the SINAD values).
SD24GAIN: 1
→ Hypothetical signal: 20log(50mV/1.2V/1) = -27.6 dBFS
SD24GAIN: 8
→ Hypothetical signal: 20log(50mV/1.2V/8) = -9.5 dBFS
SD24GAIN: 32
→ Hypothetical signal: 20log(50mV/1.2V/32) = 2.5 dBFS
(10) The crosstalk XT is specified as the tone level of the signal applied to the crosstalk source seen in the spectrum of the converter under
test. It is measured with the inputs of the converter under test being grounded.
84
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com