Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 61. eUSCI_A3 Registers (Base Address: 0620h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI_A control word 0
UCA2CTLW0
00h
USCI _A control word 1
UCA2CTLW1
02h
USCI_A baud rate 0
UCA2BR0
06h
USCI_A baud rate 1
UCA2BR1
07h
USCI_A modulation control
UCA2MCTLW
08h
USCI_A status
UCA2STAT
0Ah
USCI_A receive buffer
UCA2RXBUF
0Ch
USCI_A transmit buffer
UCA2TXBUF
0Eh
USCI_A LIN control
UCA2ABCTL
10h
USCI_A IrDA transmit control
UCA2IRTCTL
12h
USCI_A IrDA receive control
UCA2IRRCTL
13h
USCI_A interrupt enable
UCA2IE
1Ah
USCI_A interrupt flags
UCA2IFG
1Ch
USCI_A interrupt vector word
UCA2IV
1Eh
Table 62. eUSCI_B0 Registers (Base Address: 0640h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI_B control word 0
UCB0CTLW0
00h
USCI_B control word 1
UCB0CTLW1
02h
USCI_B bit rate 0
UCB0BR0
06h
USCI_B bit rate 1
UCB0BR1
07h
USCI_B status word
UCB0STATW
08h
USCI_B byte counter threshold
UCB0TBCNT
0Ah
USCI_B receive buffer
UCB0RXBUF
0Ch
USCI_B transmit buffer
UCB0TXBUF
0Eh
USCI_B I2C own address 0
UCB0I2COA0
14h
USCI_B I2C own address 1
UCB0I2COA1
16h
USCI_B I2C own address 2
UCB0I2COA2
18h
USCI_B I2C own address 3
UCB0I2COA3
1Ah
USCI_B received address
UCB0ADDRX
1Ch
USCI_B address mask
UCB0ADDMASK
1Eh
USCI I2C slave address
UCB0I2CSA
20h
USCI interrupt enable
UCB0IE
2Ah
USCI interrupt flags
UCB0IFG
2Ch
USCI interrupt vector word
UCB0IV
2Eh
52
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com