Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 59 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 60Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 61Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 62Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Low-Power Mode Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
Temperature (TA)
PARAMETER
VCC
PMMCOREVx
-40°C
25°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
2.2 V
0
70
75
86
ILPM0,1MHz
Low-power mode 0(3) (4)
µA
3 V
3
81
87
105
100
130
2.2 V
0
5.9
6.5
12.5
ILPM2
Low-power mode 2(5) (4)
µA
3 V
3
6.7
7.3
18
13.8
30
0
1.50
2.0
7.8
1
1.65
2.2
8.3
µA
Low-power mode 3, crystal
ILPM3,XT1LF
2.2 V
mode(6) (4)
2
1.80
2.4
8.6
3
1.84
2.4
8.6
0
2.0
2.5
8.5
1
2.1
2.7
9.0
Low-power mode 3, crystal
ILPM3,XT1LF
3 V
µA
mode(6) (4)
2
2.3
2.9
9.3
3
2.3
2.9
9.3
25
0
1.3
1.7
7.5
1
1.3
1.8
7.9
Low-power mode 3,
ILPM3,VLO
3 V
µA
VLO mode(7) (4)
2
1.4
1.9
8.2
3
1.4
1.9
8.2
25.0
0
1.2
1.6
7.4
1
1.2
1.7
7.8
ILPM4
Low-power mode 4(8) (4)
3 V
µA
2
1.3
1.7
7.9
3
1.3
1.7
8.0
23.0
2.2V
0.7
0.9
1.4
Low-power mode 3.5, RTC
ILPM3.5
µA
active on AUXVCC3(9)
3.0V
1.0
1.2
1.5
1.8
3.0
ILPM4.5
Low-power mode 4.5(10)
3.0V
0.6
0.7
1.0
1.2
2.0
µA
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external load
capacitance are chosen to closely match the required 12.5 pF.
(3)
Current for watchdog timer clocked by SMCLK included. ACLK = low frequency crystal operation (XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 0, SCG1 = 0, OSCOFF = 0 (LPM0); fACLK = 32768 Hz, fMCLK = 0 MHz, fSMCLK = fDCO = 1 MHz
(4)
Current for brownout, high side supervisor (SVSH) normal mode included. Low side supervisor and monitors disabled (SVSL, SVML).
High side monitor disabled (SVMH). RAM retention enabled.
(5)
Current for watchdog timer and RTC clocked by ACLK included. ACLK = low frequency crystal operation (XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 0, SCG1 = 1, OSCOFF = 0 (LPM2); fACLK = 32768 Hz, fMCLK = 0 MHz, fSMCLK = fDCO = 0 MHz; DCO setting
= 1 MHz operation, DCO bias generator enabled.
(6)
Current for watchdog timer and RTC clocked by low frequency clock included. ACLK = low frequency crystal operation (XTS = 0,
XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0 (LPM3); fACLK = 32768 Hz, fMCLK = fSMCLK = fDCO = 0 MHz
(7)
Current for watchdog timer and RTC clocked by low frequency clock included. ACLK = VLO.
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0 (LPM3); fACLK = fVLO, fMCLK = fSMCLK = fDCO = 0 MHz
(8)
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 1 (LPM4); fDCO = fACLK = fMCLK = fSMCLK = 0 MHz
(9)
fDCO = fMCLK = fSMCLK = 0 MHz, fACLK = 32768 Hz, PMMREGOFF = 1, RTC active on AUXVCC3 supply
(10) fDCO = fMCLK = fSMCLK = 0 MHz, fACLK = 0 Hz, PMMREGOFF = 1
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com