Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 60Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 61Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 62Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 63Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 64Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 65Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
V
OH – High-Level Output Voltage – V
T
A = 25°C
T
A = 85°C
V
CC = 3 V
Reduced Drive Strength
-8
-7
-6
-5
-4
-3
-2
-1
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V
OH – High-Level Output Voltage – V
T
A = 25°C
T
A = 85°C
V
CC = 1.8 V
Reduced Drive Strength
12
14
16
18
20
T
A = 25°C
T
A = 85°C
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
V
OL – Low-Level Output Voltage – V
V
CC = 3 V
Reduced Drive Strength
5
6
7
8
T
A = 25°C
T
A = 85°C
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V
OL – Low-Level Output Voltage – V
V
CC = 1.8 V
Reduced Drive Strength
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Typical Characteristics – Outputs, Reduced Drive Strength (PxDS.y = 0)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TYPICAL LOW-LEVEL OUTPUT CURRENT
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 3.
Figure 4.
TYPICAL HIGH-LEVEL OUTPUT CURRENT
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 5.
Figure 6.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com