Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 78 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Inputs – RTC Tamper Detect Pin
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
Port P1, P2: P1.x to P2.x, External trigger pulse duration
t(int)
External interrupt timing(2)
2.2 V, 3 V
20
ns
to set interrupt flag
(1)
Some devices may contain additional ports with interrupts. See the block diagram and terminal function descriptions.
(2)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
Leakage Current – RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
(1) (2)1.8 V,
Ilkg(Px.y)
High-impedance leakage current
-50
+50
nA
3 V
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
Outputs – RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
I(OHmax) = –100 µA
(1)
1.50
1.80
1.8 V
I(OHmax) = –200µA
(1)
1.20
1.80
VOH
High-level output voltage
V
I(OHmax) = –100µA
(1)
2.70
3.00
3 V
I(OHmax) = –200µA
(1)
2.40
3.00
I(OLmax) = 100µA
(1)
0.00
0.25
1.8 V
I(OLmax) = 200µA
(1)
0.00
0.60
VOL
Low-level output voltage
V
I(OLmax) = 100µA
(1)
0.00
0.25
3 V
I(OLmax) = 200µA
(1)
0.00
0.60
(1)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Recommended Operating Conditions for more details.
78
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com