Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 65. SD24_B Registers (Base Address: 0800h) (continued)
REGISTER DESCRIPTION
REGISTER
OFFSET
SD24_B Converter 5 Conversion Memory High Word register
SD24BMEMH5
66h
SD24_B Converter 6 Conversion Memory Low Word register
SD24BMEML6
68h
SD24_B Converter 6 Conversion Memory High Word register
SD24BMEMH6
6Ah
Table 66. Comparator_B Register (Base Address: 08C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Comp_B control register 0
CBCTL0
00h
Comp_B control register 1
CBCTL1
02h
Comp_B control register 2
CBCTL2
04h
Comp_B control register 3
CBCTL3
06h
Comp_B interrupt register
CBINT
0Ch
Comp_B interrupt vector word
CBIV
0Eh
Table 67. AES Accelerator Registers (Base Address: 09C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
AES accelerator control register 0
AESACTL0
00h
AES accelerator status register
AESASTAT
04h
AES accelerator key register
AESAKEY
06h
AES accelerator data in register
AESADIN
08h
AES accelerator data out register
AESADOUT
0Ah
Table 68. Auxiliary Supply Registers (Base Address: 09E0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Auxiliary Supply Control 0 register
AUXCTL0
00h
Auxiliary Supply Control 1 register
AUXCTL1
02h
Auxiliary Supply Control 2 register
AUXCTL2
04h
AUX2 Charger Control
AUX2CHCTL
12h
AUX3 Charger Control
AUX3CHCTL
14h
AUX ADC Control
AUXADCCTL
16h
AUX Interrupt Flag
AUXIFG
1Ah
AUX Interrupt Enable
AUXIE
1Ch
AUX Interrupt Vector Word
AUXIV
1Eh
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com