| Electronic Components Datasheet Search |
|
MSP430F6776IPZ Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 www.ti.com TA2 (Link to User's Guide) TA2 is a 16-bit timer/counter (Timer_A type) with two capture/compare registers. TA2 can support multiple capture/compares, PWM outputs, and interval timing. TA2 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 22. TA2 Signal Connections DEVICE INPUT MODULE INPUT MODULE OUTPUT MODULE BLOCK DEVICE OUTPUT SIGNAL SIGNAL NAME SIGNAL PM_TACLK TACLK ACLK (internal) ACLK Timer NA NA SMCLK (internal) SMCLK PM_TACLK INCLK PM_TA2.0 CCI0A PM_TA2.0 CBOUT (Internal) CCI0B CCR0 TA0 DVSS GND DVCC VCC PM_TA2.1 CCI1A PM_TA2.1 SD24_B (internal) ACLK (internal) CCI1B SD24CHx.SD24SCSx = 010b CCR1 TA1 DVSS GND DVCC VCC TA3 (Link to User's Guide) TA3 is a 16-bit timer/counter (Timer_A type) with two capture/compare registers. TA3 can support multiple capture/compares, PWM outputs, and interval timing. TA3 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 23. TA3 Signal Connections DEVICE INPUT MODULE INPUT MODULE OUTPUT MODULE BLOCK DEVICE OUTPUT SIGNAL SIGNAL NAME SIGNAL PM_TACLK TACLK ACLK (internal) ACLK Timer NA SMCLK (internal) SMCLK PM_TACLK INCLK PM_TA3.0 CCI0A PM_TA3.0 ADC10_A (internal) CBOUT (Internal) CCI0B ADC10SHSx = 010b CCR0 TA0 DVSS GND DVCC VCC PM_TA3.1 CCI1A PM_TA3.1 SD24_B (internal) ACLK (internal) CCI1B SD24CHx.SD24SCSx = 011b CCR1 TA1 DVSS GND DVCC VCC 38 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |