Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 41. Port P3, P4 Registers (Base Address: 0220h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P3 input
P3IN
00h
Port P3 output
P3OUT
02h
Port P3 direction
P3DIR
04h
Port P3 pullup/pulldown enable
P3REN
06h
Port P3 drive strength
P3DS
08h
Port P3 selection 0
P3SEL0
0Ah
Port P4 input
P4IN
01h
Port P4 output
P4OUT
03h
Port P4 direction
P4DIR
05h
Port P4 pullup/pulldown enable
P4REN
07h
Port P4 drive strength
P4DS
09h
Port P4 selection 0
P4SEL0
0Bh
Table 42. Port P5, P6 Registers (Base Address: 0240h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P5 input
P5IN
00h
Port P5 output
P5OUT
02h
Port P5 direction
P5DIR
04h
Port P5 pullup/pulldown enable
P5REN
06h
Port P5 drive strength
P5DS
08h
Port P5 selection 0
P5SEL0
0Ah
Port P5 selection 1
P5SEL1
0Ch
Port P6 input
P6IN
01h
Port P6 output
P6OUT
03h
Port P6 direction
P6DIR
05h
Port P6 pullup/pulldown enable
P6REN
07h
Port P6 drive strength
P6DS
09h
Port P6 selection 0
P6SEL0
0Bh
Port P6 selection 1(1)
P6SEL1
0Dh
(1)
P6SEL1 is an empty control register to be consistent with P5SEL1 in 16-bit access.
Table 43. Port P7, P8 Registers (Base Address: 0260h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P7 input
P7IN
00h
Port P7 output
P7OUT
02h
Port P7 direction
P7DIR
04h
Port P7 pullup/pulldown enable
P7REN
06h
Port P7 drive strength
P7DS
08h
Port P7 selection 0
P7SEL0
0Ah
Port P8 input
P8IN
01h
Port P8 output
P8OUT
03h
Port P8 direction
P8DIR
05h
Port P8 pullup/pulldown enable
P8REN
07h
Port P8 drive strength
P8DS
09h
Port P8 selection 0
P8SEL0
0Bh
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com