Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 85 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
SD24_B, AC Performance
fSD24 = 1 MHz, SD24OSRx = 256, SD24REFON = 1
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD24GAIN: 1
3 V
84
86
SD24GAIN: 2
3 V
85
SD24GAIN: 4
3 V
84
SD24GAIN: 8
3 V
81
83
Signal-to-noise +
SINAD
fIN = 50Hz
(1)
dB
distortion ratio
SD24GAIN: 16
3 V
80
SD24GAIN: 32
3 V
71
73
SD24GAIN: 64
3 V
67
SD24GAIN: 128
3 V
61
SD24GAIN: 1
3 V
95
THD
Total harmonic distortion
SD24GAIN: 8
fIN = 50Hz
(1)
3 V
90
dB
SD24GAIN: 32
3 V
86
(1)
The following voltages were applied to the SD24_B inputs: VI,A+(t) = 0 V + VPP/2 × sin(2π × fIN × t) and VI,A-(t) = 0 V - VPP/2 × sin(2π ×
fIN × t)
resulting in a differential voltage of VID = VI,A+(t) - VI,A-(t) = VPP × sin(2π × fIN × t) with VPP being selected as the maximum value allowed
for a given range (according to SD24_B recommended operating conditions).
SD24_B, AC Performance
fSD24 = 2 MHz, SD24OSRx = 512, SD24REFON = 1
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD24GAIN: 1
3 V
87
SD24GAIN: 2
3 V
85
SD24GAIN: 4
3 V
84
SD24GAIN: 8
3 V
83
Signal-to-noise +
SINAD
fIN = 50Hz
(1)
dB
distortion ratio
SD24GAIN: 16
3 V
81
SD24GAIN: 32
3 V
76
SD24GAIN: 64
3 V
71
SD24GAIN: 128
3 V
65
(1)
The following voltages were applied to the SD24_B inputs: VI,A+(t) = 0 V + VPP/2 × sin(2π × fIN × t) and VI,A-(t) = 0 V - VPP/2 × sin(2π ×
fIN × t)
resulting in a differential voltage of VID = VI,A+(t) - VI,A-(t) = VPP × sin(2π × fIN × t) with VPP being selected as the maximum value allowed
for a given range (according to SD24_B recommended operating conditions).
SD24_B, AC Performance
fSD24 = 32 kHz, SD24OSRx = 512, SD24REFON = 1
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD24GAIN: 1
3 V
89
SD24GAIN: 2
3 V
85
SD24GAIN: 4
3 V
84
SD24GAIN: 8
3 V
82
Signal-to-noise +
SINAD
fIN = 50Hz
(1)
dB
distortion ratio
SD24GAIN: 16
3 V
80
SD24GAIN: 32
3 V
76
SD24GAIN: 64
3 V
67
SD24GAIN: 128
3 V
61
(1)
The following voltages were applied to the SD24_B inputs: VI,A+(t) = 0 V + VPP/2 × sin(2π × fIN × t) and VI,A-(t) = 0 V - VPP/2 × sin(2π ×
fIN × t)
resulting in a differential voltage of VID = VI,A+(t) - VI,A-(t) = VPP × sin(2π × fIN × t) with VPP being selected as the maximum value allowed
for a given range (according to SD24_B recommended operating conditions).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com