Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6776IPZ Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 36 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 19. DMA Trigger Assignments(1) (continued)
CHANNEL
TRIGGER
0
1
2
18
UCA1RXIFG
UCA1RXIFG
UCA1RXIFG
19
UCA1TXIFG
UCA1TXIFG
UCA1TXIFG
20
UCA2RXIFG
UCA2RXIFG
UCA2RXIFG
21
UCA2TXIFG
UCA2TXIFG
UCA2TXIFG
22
UCB0RXIFG0
UCB0RXIFG0
UCB0RXIFG0
23
UCB0TXIFG0
UCB0TXIFG0
UCB0TXIFG0
24
ADC10IFG0
ADC10IFG0
ADC10IFG0
25
UCA3RXIFG
UCA3RXIFG
UCA3RXIFG
26
UCA3TXIFG
UCA3TXIFG
UCA3TXIFG
27
UCB1RXIFG0
UCB1RXIFG0
UCB1RXIFG0
28
UCB1TXIFG0
UCB1TXIFG0
UCB1TXIFG0
29
MPY ready
MPY ready
MPY ready
30
DMA2IFG
DMA0IFG
DMA1IFG
31
Reserved
Reserved
Reserved
CRC16 (Link to User's Guide)
The CRC16 module produces a signature based on a sequence of entered data values and can be used for data
checking purposes. The CRC16 module signature is based on the CRC-CCITT standard.
Hardware Multiplier (Link to User's Guide)
The multiplication operation is supported by a dedicated peripheral module. The module performs operations with
32-bit, 24-bit, 16-bit, and 8-bit operands. The module is capable of supporting signed and unsigned multiplication
as well as signed and unsigned multiply and accumulate operations.
AES128 Accelerator (Link to User's Guide)
The AES accelerator module performs encryption and decryption of 128-bit data with 128-bit keys according to
the Advanced Encryption Standard (AES) (FIPS PUB 197) in hardware.
Enhanced Universal Serial Communication Interface (eUSCI) (Links to User's Guide: UART Mode,
SPI Mode, I2C Mode)
The eUSCI module is used for serial data communication. The eUSCI module supports synchronous
communication protocols such as SPI (3 or 4 pin) and I2C, and asynchronous communication protocols such as
UART, enhanced UART with automatic baudrate detection, and IrDA.
The eUSCI_An module provides support for SPI (3 or 4 pin), UART, enhanced UART, and IrDA.
The eUSCI_Bn module provides support for SPI (3 or 4 pin) and I2C.
Four eUSCI_A and two eUSCI_B module are implemented in MSP430F677x devices.
ADC10_A (Link to User's Guide)
The ADC10_A module supports fast, 10-bit analog-to-digital conversions. The module implements a 10-bit SAR
core, sample select control, reference generator and a conversion results buffer. A window comparator with a
lower and upper limit allows CPU independent result monitoring with three window comparator interrupt flags.
SD24_B (Link to User's Guide)
The SD24_B module integrates up to seven independent 24-bit sigma-delta A/D converters. Each converter is
designed with a fully differential analog input pair and programmable gain amplifier input stage. Also the
converters are based on second-order over-sampling sigma-delta modulators and digital decimation filters. The
decimation filters are comb type filters with selectable oversampling ratios of up to 1024.
36
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com