Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 5Page - ATMEL Corporation AT24C01D Datasheet HTML 6Page - ATMEL Corporation AT24C01D Datasheet HTML 7Page - ATMEL Corporation AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation AT24C01D Datasheet HTML 10Page - ATMEL Corporation AT24C01D Datasheet HTML 11Page - ATMEL Corporation AT24C01D Datasheet HTML 12Page - ATMEL Corporation AT24C01D Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
9
Figure 5-2.
Page Write
5.3
Acknowledge Polling
An Acknowledge Polling routine can be implemented to optimize time sensitive applications that would prefer not to
wait the fixed maximum write cycle time (tWR). This method allows the application to know immediately when the
Serial EEPROM write cycle has completed, so a subsequent operation can be started.
Once the internally self-timed write cycle has started, an Acknowledge Polling routine can be initiated. This
involves repeatedly sending a Start condition followed by a valid Device Address byte with the R/W bit set at
Logic 0. The device will not respond with an ACK while the write cycle is ongoing. Once the internal write cycle has
completed, the EEPROM will respond with an ACK, allowing a new Read or Write operation to be immediately
initiated. A flow chart has been included below in Figure 5-3 to better illustrate this technique.
Figure 5-3.
Acknowledge Polling Flow Chart
SCL
SDA
Start
by
Master
ACK
from
Slave
ACK
from
Slave
Device Address Byte
Word Address Byte
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
ACK
from
Slave
Stop
by
Master
ACK
from
Slave
Data Word (n)
Data Word (n+x), max of 8 without rollover
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
MSB
MSB
A7
A6
A5
A4
A3
A2
A1
A0
0
D7
D6
D5
D4
D3
D2
D1
D0
0
D7
D6
D5
D4
D3
D2
D1
D0
0
Did
the device
ACK?
Send any
Write
protocol
Send
Stop
condition
to initiate the
write cycle
Send Start
condition followed
by a valid
Device Address
byte with R/W = 0
Proceed to
next Read or
Write operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com