Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C01D Datasheet HTML 1Page - ATMEL Corporation AT24C01D Datasheet HTML 2Page - ATMEL Corporation AT24C01D Datasheet HTML 3Page - ATMEL Corporation AT24C01D Datasheet HTML 4Page - ATMEL Corporation AT24C01D Datasheet HTML 5Page - ATMEL Corporation AT24C01D Datasheet HTML 6Page - ATMEL Corporation AT24C01D Datasheet HTML 7Page - ATMEL Corporation AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
4
3.
Device Operation and Communication
The AT24C01D/02D operates as a slave device and utilizes a simple I2C-compatible 2-wire digital serial interface
to communicate with a host controller, commonly referred to as the bus Master. The Master initiates and controls all
Read and Write operations to the slave devices on the serial bus, and both the Master and the slave devices can
transmit and receive data on the bus.
The serial interface is comprised of just two signal lines: Serial Clock (SCL) and Serial Data (SDA). The SCL pin is
used to receive the clock signal from the Master, while the bidirectional SDA pin is used to receive command and
data information from the Master as well as to send data back to the Master. Data is always latched into the
AT24C01D/02D on the rising edge of SCL and always output from the device on the falling edge of SCL. Both the
SCL and SDA pin incorporate integrated spike suppression filters and Schmitt Triggers to minimize the effects of
input spikes and bus noise.
All command and data information is transferred with the Most-Significant Bit (MSB) first. During bus
communication, one data bit is transmitted every clock cycle, and after eight bits (one byte) of data have been
transferred, the receiving device must respond with either an acknowledge (ACK) or a no-acknowledge (NACK)
response bit during a ninth clock cycle (ACK/NACK clock cycle) generated by the Master; Therefore, nine clock
cycles are required for every one byte of data transferred. There are no unused clock cycles during any Read or
Write operation, so there must not be any interruptions or breaks in the data stream during each data byte transfer
and ACK or NACK clock cycle.
During data transfers, data on the SDA pin must only change while SCL is low, and the data must remain stable
while SCL is high. If data on the SDA pin changes while SCL is high, then either a Start or a Stop condition will
occur. Start and Stop conditions are used to initiate and end all serial bus communication between the Master and
the slave devices. The number of data bytes transferred between a Start and a Stop condition is not limited and is
determined by the Master. In order for the serial bus to be idle, both the SCL and SDA pins must be in the
logic-high state at the same time.
3.1
Clock and Data Transition Requirements
The SDA pin is an open drain terminal and therefore must be pulled high with an external pull-up resistor. Data on
the SDA pin may change only during SCL low time periods. Data changes during SCL high periods will indicate a
Start or Stop condition as defined below.
3.2
Start and Stop Conditions
3.2.1
Start Condition
A Start condition occurs when there is a high-to-low transition on the SDA pin while the SCL pin is at a stable
Logic 1 state and will bring the device out of standby mode. The Master uses a Start condition to initiate any data
transfer sequence; therefore, every command must begin with a Start condition. The device will continuously
monitor the SDA and SCL pins for a Start condition but will not respond unless one is detected. See Figure 3-1 for
more details.
3.2.2
Stop Condition
A Stop condition occurs when there is a low-to-high transition on the SDA pin while the SCL pin is stable in the
Logic 1 state. The Master can use the Stop condition to end a data transfer sequence with the AT24C01D/02D
which will subsequently return to standby mode. The Master can also utilize a repeated Start condition instead of a
Stop condition to end the current data transfer if the Master will perform another operation. See Figure 3-1 for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com