Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C01D Datasheet HTML 1Page - ATMEL Corporation AT24C01D Datasheet HTML 2Page - ATMEL Corporation AT24C01D Datasheet HTML 3Page - ATMEL Corporation AT24C01D Datasheet HTML 4Page - ATMEL Corporation AT24C01D Datasheet HTML 5Page - ATMEL Corporation AT24C01D Datasheet HTML 6Page - ATMEL Corporation AT24C01D Datasheet HTML 7Page - ATMEL Corporation AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
2
1.
Pin Descriptions and Pinouts
Table 1-1.
Pin Descriptions
Note:
1.
If the A0, A1, A2, or WP pins are not driven, they are internally pulled down to GND. In order to operate in a wide
variety of application environments, the pull-down mechanism is intentionally designed to be somewhat strong.
Once these pins are biased above the CMOS input buffer’s trip point (~0.5 x VCC), the pull-down mechanism
disengages. Atmel recommends connecting these pins to a known state whenever possible.
Note:
1.
Refer to “Device Addressing” on page 7 for details about addressing the SOT23 version of the device.
Pin
Number
Pin
Symbol
Pin Name and Functional Description
Asserted
State
Pin
Type
1, 2, 3
A0, A1, A2
Device Address Inputs: The A0, A1, and A2 pins are used to select the
hardware device address and correspond to the seventh, sixth, and fifth bit
of the I2C seven bit slave address. These pins can be directly connected to
VCC or GND, allowing up to eight devices on the same bus.
Refer to Note 1 for behavior of the pin when not connected.
—
Input
4
GND
Ground: The ground reference for the power supply. GND should be
connected to the system ground.
—
Power
5
SDA
Serial Data: The SDA pin is an open-drain bidirectional input/output pin
used to serially transfer data to and from the device.
The SDA pin must be pulled-high using an external pull-up resistor (not to
exceed 10K
 in value) and may be wire-ORed with any number of other
open-drain or open-collector pins from other devices on the same bus.
—
Input/
Output
6
SCL
Serial Clock: The SCL pin is used to provide a clock to the device and to
control the flow of data to and from the device. Command and input data
present on the SDA pin is always latched in on the rising edge of SCL,
while output data on the SDA pin is clocked out on the falling edge of SCL.
The SCL pin must either be forced high when the serial bus is idle or
pulled-high using an external pull-up resistor.
—
Input
7
WP
Write Protect: Connecting the WP pin to GND will ensure normal write
operations.When the WP pin is connected to VCC, all write operations to
the memory are inhibited.
Refer to Note 1 for behavior of the pin when not connected.
High
Input
8
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to
the device. Operations at invalid VCC voltages may produce spurious
results and should not be attempted.
—
Power
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
Top View
Note: Package drawings are not to scale
8
7
6
5
8-lead TSSOP
Top View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
Top View
8
7
6
5
1
2
3
4
8-pad UDFN
A0
A1
A2
GND
VCC
WP
SCL
SDA
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-ball VFBGA
Top View
Top View
SCL
GND
SDA
WP
VCC
5-lead SOT23
(1)
1
2
3
5
4
1
2
3
4
Top View
8-lead PDIP
A0
A1
A2
GND
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com