Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 10Page - ATMEL Corporation AT24C01D Datasheet HTML 11Page - ATMEL Corporation AT24C01D Datasheet HTML 12Page - ATMEL Corporation AT24C01D Datasheet HTML 13Page - ATMEL Corporation AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation AT24C01D Datasheet HTML 16Page - ATMEL Corporation AT24C01D Datasheet HTML 17Page - ATMEL Corporation AT24C01D Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
14
8.4
AC Characteristics
Notes: 1.
These parameters are determined through product characterization and are not tested 100% in production.
2.
AC measurement conditions:
CL : 100pF
RPUP (bus line pull-up resistor to VCC): 1.3 k (1000kHz), 4k (400kHz)
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times:
 50ns
Input and output timing reference voltages: 0.5 x VCC
Figure 8-1.
Bus Timing
Parameters are applicable over operating range in Section 8.2, unless otherwise noted. Test conditions shown in Note 2.
Symbol
Parameter
VCC1.7V - 3.6V
VCC  2.5V - 3.6V
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1300
500
ns
tHIGH
Clock Pulse Width High
600
400
ns
tI
Input Filter Spike Suppression (SCL,SDA)(1)
100
100
ns
tAA
Clock Low to Data Out Valid
900
450
ns
tBUF
Bus Free Time between Stop and Start(1)
1300
500
ns
tHD.STA
Start Hold Time
600
250
ns
tSU.STA
Start Set-up Time
600
250
ns
tHD.DAT
Data In Hold Time
0
0
ns
tSU.DAT
Data In Set-up Time
100
100
ns
tR
Inputs Rise Time(1)
300
100
ns
tF
Inputs Fall Time(1)
300
100
ns
tSU.STO
Stop Set-up Time
600
250
ns
tSU.WP
Write Protect Setup Time
600
100
ns
tHD.WP
Write Protect Hold Time
600
400
ns
tDH
Data Out Hold Time
50
50
ns
tWR
Write Cycle Time
5
5
ms
SCL
SDA IN
SDA OUT
tF
tHIGH
tLOW
tR
tAA
tDH
tBUF
tSU.STO
tSU.DAT
tHD.DAT
tHD.STA
tSU.STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com