Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C01D Datasheet HTML 1Page - ATMEL Corporation AT24C01D Datasheet HTML 2Page - ATMEL Corporation AT24C01D Datasheet HTML 3Page - ATMEL Corporation AT24C01D Datasheet HTML 4Page - ATMEL Corporation AT24C01D Datasheet HTML 5Page - ATMEL Corporation AT24C01D Datasheet HTML 6Page - ATMEL Corporation AT24C01D Datasheet HTML 7Page - ATMEL Corporation AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
5
3.3
Acknowledge and No-Acknowledge
After every byte of data is received, the receiving device must confirm to the Master that it has successfully
received the data byte by responding with what is known as an acknowledge (ACK). An ACK is accomplished by
the transmitting device first releasing the SDA line at the falling edge of the eighth clock cycle followed by the
receiving device responding with a Logic 0 during the entire high period of the ninth clock cycle.
When the AT24C01D/02D is transmitting data to the Master, the Master can indicate that it is done receiving data
and wants to end the operation by sending a Logic 1 response to the AT24C01D/02D instead of an ACK response
during the ninth clock cycle. This is known as a no-acknowledge (NACK) and is accomplished by the Master
sending a Logic 1 during the ninth clock cycle, at which point the AT24C01D/02D will release the SDA line so the
Master can then generate a Stop condition.
The transmitting device, which can be the bus Master or the Serial EEPROM, must release the SDA line at the
falling edge of the eighth clock cycle to allow the receiving device to drive the SDA line to a Logic 0 to ACK the
previous 8-bit word. The receiving device must release the SDA line at the end of the ninth clock cycle to allow the
transmitter to continue sending new data. A timing diagram has been provided in Figure 3-1 to better illustrate
these requirements.
Figure 3-1.
Start Condition, Data Transitions, Stop Condition and Acknowledge
3.4
Standby Mode
The AT24C01D/02D features a low power standby mode which is enabled when any one of the following occurs:
A valid power-up sequence is performed (see Section 8.6, “Power-Up Requirements and Reset Behavior”).
A Stop condition is received by the device unless it initiates an internal write cycle (see Section 5.).
At the completion of an internal write cycle (see Section 5., “Write Operations”).
An unsuccessful match of the device type identifier or hardware address in the Device Address byte occurs
(see Section 4.1, “Device Addressing”).
The bus Master does not ACK the receipt of data read out from the device; instead it sends a NACK
response (see Section 6., “Read Operations”).
SCL
SDA
SDA
Must Be
Stable
SDA
Change
Allowed
SDA
Change
Allowed
Acknowledge
Valid
Stop
Condition
Start
Condition
12
89
SDA
Must Be
Stable
Acknowledge Window
The transmitting device (Master or Slave)
must release the SDA line at this point to allow
the receiving device (Master or Slave) to drive the
SDA line low to ACK the previous 8-bit word.
The receiver (Master or Slave)
must release the SDA line at
this point to allow the transmitter
to continue sending new data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com