Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 9Page - ATMEL Corporation AT24C01D Datasheet HTML 10Page - ATMEL Corporation AT24C01D Datasheet HTML 11Page - ATMEL Corporation AT24C01D Datasheet HTML 12Page - ATMEL Corporation AT24C01D Datasheet HTML 13Page - ATMEL Corporation AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation AT24C01D Datasheet HTML 16Page - ATMEL Corporation AT24C01D Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
13
8.
Electrical Specifications
8.1
Absolute Maximum Ratings
8.2
DC and AC Operating Range
8.3
DC Characteristics
Notes: 1.
Typical values characterized at TA = +25°C unless otherwise noted.
2.
This parameter is characterized but is not 100% tested in production.
Temperature under Bias . . . . . . . . . .–55
C to +125C
Storage Temperature . . . . . . . . . . . .–65
C to +150C
Supply Voltage
with respect to ground . . . . . . . . . . . . –0.5V to +4.10V
Voltage on any pin
with respect to ground . . . . . . . . . –0.6V to VCC + 0.5V
DC Output Current. . . . . . . . . . . . . . . . . . . . . . . 5.0mA
Functional operation at the “Absolute Maximum Ratings” or
any other conditions beyond those indicated in Section 8.2
“DC and AC Operating Range” is not implied or guaranteed.
Stresses beyond those listed under “Absolute Maximum
Ratings” and/or exposure to the “Absolute Maximum
Ratings” for extended periods may affect device reliability
and cause permanent damage to the device.
The voltage extremes referenced in the “Absolute Maximum
Ratings” are intended to accommodate short duration
undershoot/overshoot pulses that the device may be
subjected to during the course of normal operation and does
not imply or guarantee functional device operation at these
levels for any extended period of time.
AT24C01D and AT24C02D
Operating Temperature (Case)
Industrial Temperature Range
–40
C to +85C
VCC Power Supply
Low Voltage Grade
1.7V to 3.6V
Parameters are applicable over the operating range in Section 8.2, unless otherwise noted.
Symbol
Parameter
Test Condition
Min
Typical(1)
Max
Units
VCC
Supply Voltage
1.7
3.6
V
ICC1
Supply Current, Read
VCC = 1.8V(2)
Read at 400kHz
0.08
0.3
mA
VCC = 3.6V
Read at 1MHz
0.15
0.5
mA
ICC2
Supply Current, Write
VCC = 3.6V
Write at 1MHz
0.20
1.0
mA
ISB
Standby Current
VCC = 1.8V(2)
VIN = VCC or VSS
0.08
0.4
μA
VCC = 3.6V
0.10
0.8
μA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
μA
ILO
Output Leakage Current
VOUT = VCC or VSS
0.05
3.0
μA
VIL
Input Low Level(2)
–0.6
VCC x 0.3
V
VIH
Input High Level(2)
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Level
VCC = 1.7V
IOL = 0.15mA
0.2
V
VOL2
Output Low Level
VCC = 3.0V
IOL = 2.1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com