Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 12Page - ATMEL Corporation AT24C01D Datasheet HTML 13Page - ATMEL Corporation AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation AT24C01D Datasheet HTML 16Page - ATMEL Corporation AT24C01D Datasheet HTML 17Page - ATMEL Corporation AT24C01D Datasheet HTML 18Page - ATMEL Corporation AT24C01D Datasheet HTML 19Page - ATMEL Corporation AT24C01D Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
16
9.
Ordering Code Detail
Atmel Designator
Product Family
24C = Standard Serial EEPROM
Device Density
Shipping Carrier Option
Package Device Grade or
Wafer/Die Thickness
Package Option
01 = 1 Kilobit
02 = 2 Kilobit
T = Tape and Reel
B = Bulk (Tubes)
Operating Voltage
M = 1.7V to 3.6V
H = Green, NiPdAu Lead Finish
Industrial Temperature Range
(-40°C to +85°C)
U = Green, Matte Tin Lead Finish
or SnAgCu Ball
Industrial Temperature Range
(-40°C to +85°C)
11 = 11mil Wafer Thickness
SS
= JEDEC SOIC
X
= TSSOP
MA
= 2.0mm x 3.0mm UDFN
P
= PDIP
ST
= SOT23
C
= VFBGA
WWU= Wafer Unsawn
A T 24C01D-SSHM-T
Device Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com