Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation AT24C01D Datasheet HTML 16Page - ATMEL Corporation AT24C01D Datasheet HTML 17Page - ATMEL Corporation AT24C01D Datasheet HTML 18Page - ATMEL Corporation AT24C01D Datasheet HTML 19Page - ATMEL Corporation AT24C01D Datasheet HTML 20Page - ATMEL Corporation AT24C01D Datasheet HTML 21Page - ATMEL Corporation AT24C01D Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
18
11.
Part Markings
DRAWING NO.
REV.
TITLE
24C01-02DSM
D
12/20/13
24C01-02DSM, AT24C01D and AT24C02D Package Marking
Information
Package Mark Contact:
DL-CSO-Assy_eng@atmel.com
AAAAAAAA
###%
@
ATMLHYWW
8-lead SOIC
8-lead TSSOP
AAAAAAA
###% @
ATHYWW
8-pad UDFN
###
H%@
YXX
2.0 x 3.0 mm Body
Note 2: Package drawings are not to scale
Note 1:
designates pin 1
AT24C01D and AT24C02D: Package Marking Information
Catalog Number Truncation
AT24C01D
Truncation Code ###: 01D
AT24C02D
Truncation Code ###: 02D
Date Codes
Voltages
Y = Year
M = Month
WW = Work Week of Assembly
% = Minimum Voltage
3: 2013
7: 2017
A: January
02: Week 2
M:
1.7V min
4: 2014
8: 2018
B: February
04: Week 4
5: 2015
9: 2019
...
...
6: 2016
0: 2020
L:
December
52: Week 52
Country of Assembly
Lot Number
Grade/Lead Finish Material
@ = Country of Assembly
AAA...A = Atmel Wafer Lot Number
H:
Industrial/NiPdAu
U:
Industrial/Matte Tin/SnAgCu
Trace Code
Atmel Truncation
XX = Trace Code (Atmel Lot Numbers Correspond to Code)
AT:
Atmel
Example: AA, AB.... YZ, ZZ
ATM:
Atmel
ATML:
Atmel
###%U
YMXX Bottom Mark
Top Mark
5-lead SOT-23
1.5 x 2.0 mm Body
8-ball VFBGA
PIN 1
###U
YMXX
8-lead PDIP
AAAAAAAA
###%
@
ATMLUYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com