Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 7Page - ATMEL Corporation AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation AT24C01D Datasheet HTML 10Page - ATMEL Corporation AT24C01D Datasheet HTML 11Page - ATMEL Corporation AT24C01D Datasheet HTML 12Page - ATMEL Corporation AT24C01D Datasheet HTML 13Page - ATMEL Corporation AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
11
6.
Read Operations
Read operations are initiated the same way as Write operations with the exception the read/write select bit in the
Device Address word must be a Logic 1. There are three Read operations:
Current Address Read
Random Address Read
Sequential Read
6.1
Current Address Read
The internal data word address counter maintains the last address accessed during the last Read or Write
operation, incremented by one. This address stays valid between operations as long as the VCC is maintained to
the part. The address roll-over during read is from the last byte of the last page to the first byte of the first page of
the memory.
A Current Address Read operation will output data according to the location of the internal data word address
counter. This is initiated with a Start condition, followed by a valid Device Address byte with the R/W bit set to
Logic 1. The device will ACK this sequence and the current address data word is serially clocked out on the SDA
line. All types of Read operations will be terminated if the bus Master does not respond with an ACK (it NACKs)
during the ninth clock cycle. A Read instruction may be terminated at any point with a Stop condition which will
force the device into standby mode.
Figure 6-1.
Current Address Read
6.2
Random Read
A Random Read begins in the same way as a Byte Write operation does to load in a new data word address. This
is known as a “dummy write” sequence. However, the Data Byte and the Stop condition of the Byte Write must be
omitted to prevent the part from entering an internal write cycle. Once the Device Address and Word Address are
clocked in and acknowledged by the EEPROM, the bus Master must generate another Start condition. The bus
Master now initiates a Current Address Read by sending a Start condition, followed by a valid Device Address byte
with the R/W bit set to Logic 1. The EEPROM will ACK the Device Address and serially clock out the data word on
the SDA line. All types of Read operations will be terminated if the bus Master does not respond with an ACK (it
NACKs) during the ninth clock cycle. A Read instruction may be terminated at any point with a Stop condition
which will force the device into standby mode.
SCL
SDA
Device Address Byte
Data Word (n)
Start
by
Master
ACK
from
Slave
NACK
from
Master
Stop
by
Master
MSB
MSB
1
0
1
0
A
2
A
1
A
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com