Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C01D Datasheet HTML 1Page - ATMEL Corporation AT24C01D Datasheet HTML 2Page - ATMEL Corporation AT24C01D Datasheet HTML 3Page - ATMEL Corporation AT24C01D Datasheet HTML 4Page - ATMEL Corporation AT24C01D Datasheet HTML 5Page - ATMEL Corporation AT24C01D Datasheet HTML 6Page - ATMEL Corporation AT24C01D Datasheet HTML 7Page - ATMEL Corporation AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
Features
Low voltage operation
̶
1.7V (VCC = 1.7V to 3.6V)
Internally organized 128 x 8 (1K) or 256 x 8 (2K)
I2C-Compatible (2-wire) serial interface
Schmitt Triggers, filtered inputs for noise suppression
Bidirectional data transfer protocol
400kHz (1.7V) and 1MHz (2.5V) compatibility
Write Protect pin for full array hardware data protection
Ultra low active current (1mA max) and standby current (0.8μA max)
8-byte Page Write mode
̶
Partial page writes allowed
Random and Sequential Read modes
Self-timed write cycle within 5ms max
High reliability
̶
Endurance: 1,000,000 write cycles
̶
Data retention: 100 years
Green package options (Lead-free/Halide-free/RoHS Compliant)
̶
8-lead SOIC, 8-lead TSSOP, 8-pad UDFN, 8-lead PDIP,(1) 5-lead SOT23, and
8-ball VFBGA
Die sale options: wafer form and tape and reel available
Description
The Atmel® AT24C01D/02D provides 1,024/2,048 bits of Serial Electrically
Erasable and Programmable Read-Only Memory (EEPROM) organized as
128/256 words of eight bits each. The device’s cascadable feature allows up to
eight devices to share a common 2-wire bus. These device are optimized for use
in many industrial and commercial applications where low-power and low-voltage
operation are essential. Both devices are available in space-saving 8-lead SOIC,
8-lead TSSOP, 8-pad UDFN, 8-lead PDIP,(1) 5-lead SOT23, and
8-ball VFBGA packages. The entire family of packages operates from 1.7V to
3.6V.
Note:
1.
Contact Atmel Sales for availability of this package.
AT24C01D and AT24C02D
I2C-Compatible (2-wire) Serial EEPROM
1-Kbit (128 x 8) or 2-Kbit (256 x 8)
DATASHEET


Similar Part No. - AT24C01D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01-10MC ATMEL-AT24C01-10MC Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01-10MC-1.8 ATMEL-AT24C01-10MC-1.8 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01-10MC-2.5 ATMEL-AT24C01-10MC-2.5 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01-10MC-2.7 ATMEL-AT24C01-10MC-2.7 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
More results

Similar Description - AT24C01D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C ATMEL-AT24C08C_14 Datasheet
923Kb / 24P
IC-Compatible, (2-wire) Serial EEPROM
AT24C16C ATMEL-AT24C16C_14 Datasheet
998Kb / 23P
IC-Compatible, (2-Wire) Serial EEPROM
AT24C32D ATMEL-AT24C32D_14 Datasheet
1Mb / 24P
IC-Compatible (2-Wire) Serial EEPROM
AT24C64D ATMEL-AT24C64D_14 Datasheet
1Mb / 24P
IC-Compatible (2-Wire) Serial EEPROM
AT24CM01 ATMEL-AT24CM01_14 Datasheet
885Kb / 21P
IC-Compatible (2-wire) Serial EEPROM
AT24HC02C ATMEL-AT24HC02C_14 Datasheet
810Kb / 19P
IC-Compatible (2-wire) Serial EEPROM
AT24C02D ATMEL-AT24C02D_14 Datasheet
1Mb / 26P
IC-Compatible (2-wire) Serial EEPROM
AT24C08D ATMEL-AT24C08D_14 Datasheet
1Mb / 28P
IC-Compatible (2-wire) Serial EEPROM
AT24CS32 ATMEL-AT24CS32_14 Datasheet
901Kb / 23P
IC-Compatible (2-wire) Serial EEPROM
AT24CS64 ATMEL-AT24CS64_14 Datasheet
812Kb / 22P
IC-Compatible (2-wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com