Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 13Page - ATMEL Corporation AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation AT24C01D Datasheet HTML 16Page - ATMEL Corporation AT24C01D Datasheet HTML 17Page - ATMEL Corporation AT24C01D Datasheet HTML 18Page - ATMEL Corporation AT24C01D Datasheet HTML 19Page - ATMEL Corporation AT24C01D Datasheet HTML 20Page - ATMEL Corporation AT24C01D Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
17
10.
Ordering Information
Notes: 1.
T = Tape and reel:
SOIC = 4K units per reel
TSSOP, UDFN, and SOT23 = 5K units per reel
2.
B = Bulk
SOIC and TSSOP = 100 units per tube
PDIP = 50 units per tube
3.
For wafer sales, please contact Atmel Sales.
Atmel Ordering Code
Lead Finish
Package
Voltage
Operation Range
AT24C01D-SSHM-T(1)
NiPdAu
(Lead-free/Halogen-free)
8S1
1.7V to 3.6V
Industrial Temperature
(–40
C to 85C)
AT24C01D-SSHM-B(2)
AT24C01D-XHM-T(1)
8X
AT24C01D-XHM-B(2)
AT24C01D-MAHM-T(1)
8MA2
AT24C01D-PUM
Matte Tin
(Lead-free/Halogen-free)
8P3
AT24C01D-STUM-T(1)
5TS1
AT24C01D-CUM-T(1)
SnAgCu Ball
(Lead-free/Halogen-free)
8U3-1
AT24C01D-WWU11M(3)
N/A
Wafer Sale
AT24C02D-SSHM-T(1)
NiPdAu
(Lead-free/Halogen-free)
8S1
1.7V to 3.6V
Industrial Temperature
(–40
C to 85C)
AT24C02D-SSHM-B(2)
AT24C02D-XHM-T(1)
8X
AT24C02D-XHM-B(2)
AT24C02D-MAHM-T(1)
8MA2
AT24C02D-PUM
Matte Tin
(Lead-free/Halogen-free)
8P3
AT24C02D-STUM-T(1)
5TS1
AT24C02D-CUM-T(1)
SnAgCu Ball
(Lead-free/Halogen-free)
8U3-1
AT24C02D-WWU11M(3)
N/A
Wafer Sale
Package Type
8S1
8-lead, 0.15” wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8X
8-lead, 4.40mm body, Plastic Thin Shrink Small Outline Package (TSSOP)
8MA2
8-pad, 2.00mm x 3.00mm body, 0.50mm Pitch, Ultra Thin Dual Flat No Lead (UDFN)
8P3
8-lead, 0.30” wide, Plastic Dual Inline Package (PDIP)
5TS1
5-lead, 2.90mm x 1.60mm body, Plastic Thin Shrink Small Outline (SOT23)
8U3-1
8-ball, 1.50mm x 2.00mm body, 0.5mm pitch, Very thin Fine Ball Grid Array (VFBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com