Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01D Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT24C01D Datasheet HTML 8Page - ATMEL Corporation AT24C01D Datasheet HTML 9Page - ATMEL Corporation AT24C01D Datasheet HTML 10Page - ATMEL Corporation AT24C01D Datasheet HTML 11Page - ATMEL Corporation AT24C01D Datasheet HTML 12Page - ATMEL Corporation AT24C01D Datasheet HTML 13Page - ATMEL Corporation AT24C01D Datasheet HTML 14Page - ATMEL Corporation AT24C01D Datasheet HTML 15Page - ATMEL Corporation AT24C01D Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
12
Figure 6-2.
Random Read
6.3
Sequential Read
Sequential Reads are initiated by either a Current Address Read or a Random Read. After the bus Master receives
a data word, it responds with an acknowledge. As long as the EEPROM receives an ACK, it will continue to
increment the word address and serially clock out sequential data words. Figure 6-3 depicts a Sequential Read
sequence that was initiated as a Current Address Read. When the maximum memory address is reached, the data
word address will “roll over” and the sequential read will continue from the beginning of the memory array. All types
of Read operations will be terminated if the bus Master does not respond with an ACK (it NACKs) during the ninth
clock cycle. A Read instruction may be terminated at any point with a Stop condition which will force the device into
standby mode.
Figure 6-3.
Sequential Read, Initiated by a Current Address Read
7.
Device Default Condition from Atmel
The AT24C01D/02D is delivered with the EEPROM array set to Logic 1, resulting in FFh data in all locations.
SCL
SDA
Start
by
Master
Device Address Byte
Word Address Byte
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
Dummy Write
Start
by
Master
Device Address Byte
Data Word (n)
Stop
by
Master
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
1
A7
A6
A5
A4
A3
A2
A1
A0
0
ACK
from
Slave
ACK
from
Slave
ACK
from
Slave
NACK
from
Master
SCL
SDA
Start
by
Master
ACK
from
Slave
ACK
from
Master
Device Address Byte
Data Word (n)
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
0
ACK
from
Master
NACK
from
Master
Stop
by
Master
ACK
from
Master
Data Word (n+1)
Data Word (n+2)
Data Word (n+x)
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
D7
D6
D5
D4
D3
D2
D1
D0
0
D7
D6
D5
D4
D3
D2
D1
D0
0
D7
D6
D5
D4
D3
D2
D1
D0
1
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com