Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 49Page - STMicroelectronics AN3077 Datasheet HTML 50Page - STMicroelectronics AN3077 Datasheet HTML 51Page - STMicroelectronics AN3077 Datasheet HTML 52Page - STMicroelectronics AN3077 Datasheet HTML 53Page - STMicroelectronics AN3077 Datasheet HTML 54Page - STMicroelectronics AN3077 Datasheet HTML 55Page - STMicroelectronics AN3077 Datasheet HTML 56Page - STMicroelectronics AN3077 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
DocID16384 Rev 10
53/82
AN3077
Functional safety requirements for application software
81
The MPU implements a set of program-visible region descriptors that monitor all system bus
addresses. The result is a hardware structure with a two-dimensional connection matrix,
where the region descriptors represent one dimension and the individual system bus
addresses and attributes represent the second dimension.
Recommended: For ASIL D applications, the MPU should be used to ensure that only
authorized software routines can configure modules and all other bus masters (eDMA, core,
FlexRay) can access only their allocated resources according to their access rights. For the
non-replicated master FlexRay, a correct MPU setup is highly recommended.
3.25
Register Protection Module
The Register Protection module offers a mechanism to protect defined memory mapped
address locations in a module that has been write protected. The address locations that can
be protected are module specific.
The Register Protection module includes these distinctive features:
●
The Register Protection module restricts write accesses for the module under
protection to supervisor mode only. This access restriction is in addition to any access
restrictions imposed by the protected module.
●
A register cannot be written once Soft Lock Protection is set. Soft Lock Protection can
be cleared by software or system reset.
●
A register cannot be written once Hard Lock Protection is set. Hard Lock Protection can
only be cleared by system reset.
Mandatory: For ASIL D applications, all configuration registers that aren’t modified during
application execution, must be protected with a Hard Lock.
Note:
Rationale: Hard Lock is the last access protection against unwanted writes to some
predefined memory mapped address locations.
Mandatory: Access restrictions must be handled at MPU level.
Note:
Rationale: Access restriction at the MPU level is protection against unwanted read/write
accesses to some predefined memory mapped address locations.
Recommended: It is recommended that only hardware related software (OS, drivers) run in
supervisor mode.
Note:
Implementation hint: Most of the off-platform peripherals have their own Register
Protection module. Register Protection address space is inside the memory space reserved
for the peripherals (please, refer to the “Device_Number registers under protection” section
of the Device_Number Reference Manual).
Each peripheral register that can be protected through the Register Protection module has a
Set Soft Lock bit reserved in the Register Protection address space. This bit shall be
asserted to enable the protection of the related peripheral registers. Moreover, the Hard
Lock Bit (REG_PROT_GCR[HLB] = 1) should be set for best write protection.
3.26
Error Correction Status Module (ECSM)
There is no dedicated ECC module on the Device_Number. ECC functionality is located in,
or near, the different storage modules and may vary slightly depending on the needs (and
size) of the storage. The ECSM is used to detect failures of data stored in memory (SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com