Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 36Page - STMicroelectronics AN3077 Datasheet HTML 37Page - STMicroelectronics AN3077 Datasheet HTML 38Page - STMicroelectronics AN3077 Datasheet HTML 39Page - STMicroelectronics AN3077 Datasheet HTML 40Page - STMicroelectronics AN3077 Datasheet HTML 41Page - STMicroelectronics AN3077 Datasheet HTML 42Page - STMicroelectronics AN3077 Datasheet HTML 43Page - STMicroelectronics AN3077 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Functional safety requirements for application software
AN3077
40/82
DocID16384 Rev 10
the ADC samples the internally generated voltage while in the sampling phase the ADC
samples analog input coming from pads (See Figure 10).
Reference voltage which can be used during presampling phase is either
VDD_HV_ADR0/1 or VSS_HV_ADR0/1.
If there is an open failure in the analog multiplexing circuitry, the signal converted by
the ADC is not the analog input coming from the pad, but the presampling reference
voltage (VDD_HV_ADR0/1 or VSS_HV_ADR0/1).
This BIST must be run for each analog input used by the safety function.
Since the pads dedicated to analog inputs are of type INPUT, a missing enable from
the SIUL results in an open failure.
Note:
Rationale: To detect open failures of the channel multiplexing circuitry (See Figure 9)
Figure 9. Software BISTs to test the multiplexing circuitry (ADC_SWTEST_TEST1)
Note:
Implementation hint: Presampling can be enabled on a per channel basis through the
ADC_x_PSR0 register.
ADC_x_PSCR[PREVAL0] selects which reference voltage is used to precharge/discharge
the ADC internal capacitor.
ADC_x_PSCR[PRECONV] register shall be 0 (See “Analog-to-Digital Converter (ADC)”
chapter in the Device_Number Reference Manual for details on the presampling feature).
ADC
Reference
value 1
pins
ADC
Reference
value 1
pins
ADC
ADC
Presampling phase
Open detection:
Conversion phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com