Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 19Page - STMicroelectronics AN3077 Datasheet HTML 20Page - STMicroelectronics AN3077 Datasheet HTML 21Page - STMicroelectronics AN3077 Datasheet HTML 22Page - STMicroelectronics AN3077 Datasheet HTML 23Page - STMicroelectronics AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics AN3077 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
DocID16384 Rev 10
23/82
AN3077
Functional safety requirements for application software
81
inputs which have edge detection interrupts (See Figure 3 for details).
Mandatory: One channel must be addressed by eTimer_0, and the other by eTimer_1.
Note:
Rationale: Two different eTimers must be used to avoid CCF (eTimer_0 and eTimer_1
belonging to different lakes).
For each signal, the SIUL can provide additional channels to support interrupt-based
reading.
Mandatory: In this configuration, the SIUL must be correctly configured to forward one or
two interrupt-based event readings.
Note:
Rationale: To configure pads used by this safety function
Mandatory: The input pads must not be physically adjacent (see Section 7, I/O pin/ball
configuration for details).
Note:
Rationale: To minimize CCF
3.13.3.1.2
Safety Integrity Functions
The safety integrity is achieved by duplicate reads and software comparison by the
processing function (See Figure 3).
Mandatory: The application software must implement the following tests:
●
ETIMER0_SWTEST_REGCRC
●
ETIMER1_SWTEST_REGCRC
●
SIUL_SWTEST_REGCRC
Note:
Rationale: To verify that the configuration of the modules used by this safety function
compare with what is expected
Rationale: To avoid CCF caused by improper configuration of the pads
Mandatory: The application software must implement the test ENCI_SWTEST_CMP, which
compares signals acquired from each channel.
Note:
Rationale: To verify that the two sets of data compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com