| Electronic Components Datasheet Search |
|
AN3077 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 82 page ![]() DocID16384 Rev 10 41/82 AN3077 Functional safety requirements for application software 81 Figure 10. Implementation of ADC_SW_TEST1 through the ADC presample feature ● ADC_SWTEST_TEST2 To detect short failures two different voltages are acquired by the ADC. If these values are different from the expected ones, a short failure on the multiplexed circuitry has been detected. To implement this test a presampling feature of the ADC can be exploited. The presampling must be configured in such a way that the sampling of the channel is bypassed and the presampling reference supply voltages are converted. During the first step the VDD_HV_ADR0/1 is converted and compared with the its expected value, then the VSS_HV_ADR0/1 is converted and compared with its expected value (See Figure 12). Figure 12 includes the conversion of the 2 different presampling reference voltages (VDD_HV_ADR0/1 and VSS_VH_ADR0/1). Note: Rationale: To detect short failures of the channel multiplexing circuitry (See Figure 11) Figure 11. Software BISTs to test the multiplexing circuitry (ADC_SWTEST_TEST2) Note: Implementation hint: The implementation hints of the ADC_SWTEST_TEST1 applies also to the ADC_SWTEST_TEST2 To bypass the conversion of the input channel and convert the presampled values, ADC_x_PSCR[PRECONV] register shall be set to 1. Figure 12. Implementation of ADC_SW_TEST2 through the ADC presample feature Convert Ch A Presample Ch B Sample Ch B Convert Ch B Presample Ch A Sample Ch A t Vdd_HV_ADRx or Vss_HV_ADRx Note: Either VDD_HV_ADR0/1 or VSS_HV_ADR0/1 can be used as presampling voltage. ADC Reference value 2 pins ADC Reference value 1 pins ADC ADC ADC Reference value 1 First reference conversion Short detection: Second reference conversion pins Presample Ch x Convert Ch x Presample Ch x Convert Ch x t Vdd_HV_ADRx Vss_HV_ADRx Note: Either VDD_HV_ADR0/1 or VSS_HV_ADR0/1 can be used as presampling voltage. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |