Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 21Page - STMicroelectronics AN3077 Datasheet HTML 22Page - STMicroelectronics AN3077 Datasheet HTML 23Page - STMicroelectronics AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics AN3077 Datasheet HTML 27Page - STMicroelectronics AN3077 Datasheet HTML 28Page - STMicroelectronics AN3077 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
DocID16384 Rev 10
25/82
AN3077
Functional safety requirements for application software
81
3.13.3.1.4
Implementation details
The following hardware elements shall be used for the safety function:
●
eTimer_0 channels
●
eTimer_1 channels
●
External interrupt via GPIO pins (configured via the SIUL)
The user must select one channel from eTimer_0 and one from eTimer_1. The external
interrupt pins are optional.
Mandatory: The pads shall be configured via the appropriate pad configuration registers
(SIUL_PCRn).
Note:
Rationale: To configure pads used by this safety function
3.13.4
Write Digital Outputs
For ASIL D applications, digital outputs used for safety purposes are assumed to be written
either redundantly or with read back as described in the following section.
Note:
Application-dependent option: If a sufficient diagnostic coverage can be reached by a
plausibility check on a single output channel for a specific application, a plausibility check
can replace a redundant write or a direct read back.
The element safety function Write Digital Out is implemented as either:
●
Single Write Digital Out With Read Back
●
Double Write Digital Out
3.13.4.1
Single Write Digital Outputs With Read Back
The SIUL hardware element is used to perform a single Write Digital Output With Read
Back.
Mandatory: The read back must be implemented in one of the two modes shown in
Figure 4.
Note:
Rationale: To verify if written data compares with the expected data
Mandatory: The SIUL element must be correctly configured to provide the output write and
the pad directions as follows:
●
External read back – SIUL is configured to read back the signal from an additional pad,
and the loopback is performed outside the device. In this configuration, only half of the
available digital outputs are available as safety outputs.
●
Internal read back(e) – SIUL is configured to read back the pad value via an internal
read path. All pads dedicated to digital input/output are capable of reading the pad
digital status using the input logic.
Table 5. Software BIST and/or test
Software BIST or test
Frequency
ETIMER0_SWTEST_REGCRC
Once after programming
ETIMER1_SWTEST_REGCRC
Once after programming
SIUL_SWTEST_REGCRC
Once after programming
ENCI_SWTEST_CMP
Once for every acquisition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com