| Electronic Components Datasheet Search |
|
AN3077 Datasheet(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Datasheet(HTML) 78 Page - STMicroelectronics |
|
78 / 82 page ![]() Revision history AN3077 78/82 DocID16384 Rev 10 09-Nov-2011 5 (cont.) – Updated figures “Logic scheme of the LVDD and HVDD” and “Logic scheme of the LVD_FLASH, LVD_GPIO and LVD_VREG” – Updated “Single FCCU pin connected to the external device” section with updated information to include discussion of both FCCU_F[1] and FCCU_F[0] instead of just FCCU_F[0]. – Updated operating hours from 12500 hours to 12000 hours in the “Mission profile” section. – Updated the definition of 'Safe states' in the “Safe state” section. – Added a Caution note in the “Flash memory” section about ECC single-bit correction reporting for the flash memory. – Added footnote to the “Enhanced Direct Memory Access (eDMA)” section, “eDMA is a replicated module. No software action is needed to detect faults inside this module.“ – Added footnote to the “Interrupt Controller (INTC)” section, “INTC is a replicated module. No software action is needed to detect faults inside this module.“ – Replaced all instances of “double read” with the correct term “dual read”. – Updated all instances of F[0] and F[1] to FCCU_F[0] and FCCU_F[1], respectively, as shown in the Device_Number Reference Manual. – Added NOTE stating: “The temperature profile is an assumption of the Device_Number safety analysis and shall be fulfilled during integration into an ASIL D system.” before temperature profile tables in the “Mission profile” section. – Changed the “Error Correction Code (ECC) module” heading to “Error Correction Status Module (ECSM)”. – Updated all occurrences of RGM to MC_RGM. – Changed “Fail Safe state” to “Safe state” in entire doc. – Added NOTE: “The system (for example, ECU) cannot rely on any pins, other than the Device_Number error output pins (FCCU_F[n]), when those pins indicate an error.” to the “Error Out Monitor Function (ERRM)” section. – Added SEF (Safety Element Function) to the “Acronyms and abbreviations” table. – Replaced the text “time of more than one input signal. The signals are called encoder signals.” with “signal coming from an encoder.” in the “Read Encoder Inputs” section. – Changed the Frequency field in the “Software BIST and/or test” table for the ‘GPI_SWTEST_CMP’ entry to ‘Once for every acquisition’. – Added “PMU Monitored Supplies” table to the “Power Monitor Unit (PMU)” section. – Updated Mandatory paragraph in “Temperature sensors” section to state that only one temp sensor needs to be read during run time, instead of both temperature sensors. – Added these bulleted items to the “Checking” subsection in the “System Status and Configuration Module (SSCM)” section: - Decoupled Parallel Mode (DPM) – SSCM_STATUS[LSM] = 0 - Lock Step Mode (LSM) – SSCM_STATUS[LSM] = 1 Table 24. Document revision history (continued) Date Revision Changes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |