Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 64 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 60Page - STMicroelectronics AN3077 Datasheet HTML 61Page - STMicroelectronics AN3077 Datasheet HTML 62Page - STMicroelectronics AN3077 Datasheet HTML 63Page - STMicroelectronics AN3077 Datasheet HTML 64Page - STMicroelectronics AN3077 Datasheet HTML 65Page - STMicroelectronics AN3077 Datasheet HTML 66Page - STMicroelectronics AN3077 Datasheet HTML 67Page - STMicroelectronics AN3077 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
Scenarios for automotive applications: Motor control
AN3077
64/82
DocID16384 Rev 10
5.3
Application example 3
●
Application: 3-phase electric motor control
●
Motor control algorithm: Sinusoidal Control (SC) or 6-step mode
●
Position sensor(s): Incremental encoder; 3 Hall sensors
●
Current sensor(s) for diagnostic: 1 shunt on DC link
5.3.1
Functional safety related inputs
Reset signal
GPO[0]
SIUL
External
component (ASIC,
companion chip)
Reset signal for the external
component(s).
Precautions for usage are
presented in Section 3.13.4.1:
Single Write Digital Outputs With
Read Back.
DSPI transmit
signal
SOUT
DSPI_0
External
component (ASIC)
If DSPI_0 is used, an appropriate
safety protocol must be utilized.
DSPI transmit
signal
SOUT
DSPI_1
External
component (ASIC)
If DSPI_1 is used, an appropriate
safety protocol must be utilized.
FlexCAN transmit
signal
CAN_TX
FlexCAN_0
External
component (ASIC)
If FlexCAN_0 is used, an
appropriate safety protocol must
be utilized.
FlexCAN transmit
signal
CAN_TX
FlexCAN_1
External
component (ASIC)
If FlexCAN_1 is used, an
appropriate safety protocol must
be utilized.
FlexRay transmit
signals
FR_CA_TX
FR_CB_TX
FlexRay
External
component (ASIC)
If FlexRay is used, an appropriate
safety protocol must be utilized.
Table 17. Functional safety outputs for application example 2 (continued)
Signal
description
Output signal
(alias)
Source
(module on
Device_Numbe
r)
Destination
Comments
Table 18. Functional safety inputs for application example 3
Signal description
Input signal
(alias)
Source
Destination
(module on
Device_Number
)
Comments
FCCU input
FCCU_F[1]
(if used)
FCCU output pin
FCCU_F[0]
FCCU
FCCU output loop-back signal.
DC voltage for DC
ripple compensation
AN[0]
ASIC
ADC_0
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.
DC-link current
AN[15]
ASIC or current
sensor
ADC_1
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com