Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 8Page - STMicroelectronics AN3077 Datasheet HTML 9Page - STMicroelectronics AN3077 Datasheet HTML 10Page - STMicroelectronics AN3077 Datasheet HTML 11Page - STMicroelectronics AN3077 Datasheet HTML 12Page - STMicroelectronics AN3077 Datasheet HTML 13Page - STMicroelectronics AN3077 Datasheet HTML 14Page - STMicroelectronics AN3077 Datasheet HTML 15Page - STMicroelectronics AN3077 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Functional safety requirements for application software
AN3077
12/82
DocID16384 Rev 10
3
Functional safety requirements for application
software
This section gives an overview of necessary, or recommended, measures when using the
individual modules of the Device_Number. If a module is implemented without following the
text of this section, the safety certificate for the module, or the entire MCU, may not be
validated. It is possible to ignore aspects of the text if equivalent measures that are taken
can be shown to manage the same failures.
Modules not explicitly covered by this document do not require any software measures.
The modules covered by the SoR reach very high Diagnostic Coverage (DC) without
dedicated measures at application or system levels.
3.1
Application software requirements
Application software shall be developed according to ASIL D requirements.
3.1.1
Mandatory software requirements
The following sections contain Mandatory design constraints for using the Device_Number
devices in an ASIL D system:
●
Section 3.2, System Status and Configuration Module (SSCM)
●
Section 3.3: Self-Test Control Unit (STCU)
●
Section 3.4: Reset Generation Module (MC_RGM)
●
Section 3.5: Clock configuration
●
Section 3.7: Flash memory
●
Section 3.8: Interrupt Controller (INTC)
●
Section 3.10: Enhanced Direct Memory Access (eDMA) requests
●
Section 3.11: Periodic Interrupt Timer (PIT)
●
Section 3.13: I/O peripherals
●
Section 3.14: Cross Triggering Unit (CTU)
●
Section 3.15: ADC
●
Section 3.16: Temperature sensors
●
Section 3.17: Software Watchdog Timer (SWT)
●
Section 3.19: Cyclic Redundancy Checker Unit (CRC)
●
Section 3.20: Clock Monitor Unit (CMU)
●
Section 3.21: Frequency-Modulated Phase-Locked Loop (FMPLL)
●
Section 3.22: Internal RC Oscillator (IRCOSC)
●
Section 3.23: Power Management Unit (PMU)
●
Section 3.25: Register Protection Module
●
Section 3.27: Fault Collection and Control Unit (FCCU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com