Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 44Page - STMicroelectronics AN3077 Datasheet HTML 45Page - STMicroelectronics AN3077 Datasheet HTML 46Page - STMicroelectronics AN3077 Datasheet HTML 47Page - STMicroelectronics AN3077 Datasheet HTML 48Page - STMicroelectronics AN3077 Datasheet HTML 49Page - STMicroelectronics AN3077 Datasheet HTML 50Page - STMicroelectronics AN3077 Datasheet HTML 51Page - STMicroelectronics AN3077 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
Functional safety requirements for application software
AN3077
48/82
DocID16384 Rev 10
Recommended: The CRC module should be used to detect accidental alteration of data
during transmission or storage. The CRC takes as its input a data stream of any length and
produces a 32-bit output value.
Mandatory: The CRC calculation shall be executed to verify the content of the registers.
Note:
Rationale: The contents of the configuration registers of the safety-related modules must
be checked within the FTTI.
Note:
Theoretically, the CPU could be used instead of the CRC to verify that the value of the
configuration registers have not changed. However, using the CRC is more effective.
Note:
Implementation hint: The CRC of the configuration registers of the modules involved with
the safety function shall be calculated offline.
At run time, the same CRC value shall be calculated by the CRC module within the safety
process time. To avoid overloading the CPU, the eDMA module can be used to support the
data transfer from the registers under check to the CRC module.
The result of the runtime computation is then compared to the value of the offline CRC.
The application must include detection, or protection measures, against possible faults of
the CRC module only if the CRC module is used by any SEF.
3.20
Clock Monitor Unit (CMU)
The main task of the Clock Monitor Unit (CMU) is to supervise the integrity of various clock
sources.
Mandatory: The following supervisor functions shall be used:
●
Loss of external crystal oscillator clock
●
FMPLL frequency higher than a (programmable) value set as high reference
●
FMPLL frequency lower than a (programmable) value set as low reference
Note:
Rationale: To monitor the integrity of the clock signals
This error information is forwarded to the FCCU and to the MC_RGM.
Device_Number includes three CMUs:
●
CMU_0 monitors the clock signal of the SoR modules and the clock from the XOSC
(XOSC_CLK).
●
CMU_1 monitors the clock signal used by the motor control related peripherals (such
as eTimer, FlexPWM, CTU and ADC).
●
CMU_2 monitors the clock signal for the protocol engine of the FlexRay module.
Mandatory: For ASIL D applications, use of the CMU is mandatory. If the related modules
are used by the application safety function, the user shall verify that the CMUs are enabled
and their faults managed by the FCCU.
Note:
Rationale: To monitor the integrity of the various clock signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com