Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 69 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 65Page - STMicroelectronics AN3077 Datasheet HTML 66Page - STMicroelectronics AN3077 Datasheet HTML 67Page - STMicroelectronics AN3077 Datasheet HTML 68Page - STMicroelectronics AN3077 Datasheet HTML 69Page - STMicroelectronics AN3077 Datasheet HTML 70Page - STMicroelectronics AN3077 Datasheet HTML 71Page - STMicroelectronics AN3077 Datasheet HTML 72Page - STMicroelectronics AN3077 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
DocID16384 Rev 10
69/82
AN3077
I/O pin/ball configuration
81
7
I/O pin/ball configuration
Mandatory: The user must avoid configurations that place redundant signals on
neighboring pads or pins.
Whether two functions on two package pins/balls are adjacent to each other can easily be
determined by looking at the mechanical drawings of the packages (see the
Device_Number Data Sheet) together with the pin/spheres (balls) number information of the
packages as seen in the Device_Number Reference Manuals “System Integration Unit Lite
(SIUL)” section and the “Pin muxing” table.
The internal die pad sequence can be derived from the package pin sequence of the
QFP144 pin package shown in the Device_Number Data Sheet.
Figure 17. Example of QFP144 pin/pad adjacency
For example, the internal die pads supporting the functionality described in Figure 17 are
referred to by “Port Pin” in the first column. From this figure you can see that the port pins
are B[9] and B[10]. Since these two port pins are in sequential order on the same port (Port
B) the die pads are adjacent to each other. The corresponding two QFP144 package pin
numbers are directly adjacent to each other, QFP144 pins 52 and 53. In general, the internal
die pads follow the same sequence as the corresponding package pins for QFP144
packages. If pins on the QFP144 pins are adjacent to each other, the corresponding internal
die pads are also adjacent. Likewise, if package pins are not adjacent to each other the
corresponding die pads are also not adjacent.
An example on the BGA package as shown in Figure 18 has two balls belonging to port pins
B[9] and B[10], which are balls U7 and R8, respectively. They are not directly adjacent to
each other on the BGA package. However, their corresponding die pads are adjacent to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com