| Electronic Components Datasheet Search |
|
AN3077 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 82 page ![]() Functional safety requirements for application software AN3077 44/82 DocID16384 Rev 10 Mandatory: The shared channels (AN[11:14]) suffer from CCF because they share pads between each ADC module. Therefore, they are omitted (considered not safe) for double reads. The comparison of the results is performed by application software (See Figure 14). Note: Rationale: ADC_0 and ADC_1 share a pad for the channels (AN[11:14]). Omitting them from double read eliminates a possible source of CCF. Mandatory: After boot but before executing the safety function the following tests shall be executed to detect latent faults (See Section 3.15.1.1.3, Hardware BIST and Section 3.15.1.1.3.1, Hardware BIST implementation): ● SUPPLY SELF-TEST ● RESISTIVE-CAPACITIVE SELF-TEST ● CAPACITIVE SELF-TEST Note: Rationale: To check the integrity of the ADC modules Mandatory: Before running the HW self-test, the customer must copy the threshold values of the analog watchdogs from test sector into the watchdog registers (See “Self test analog watchdog” section of the “Analog-to-Digital Converter (ADC)” chapter in Device_Number Reference Manual). Note: Rationale: To set the correct threshold for the self-test 3.15.1.2.2 Safety Integrity Functions Safety integrity is achieved by replicated acquisition with separate analog input channels and software comparison by the processing function (See Figure 14). Mandatory: The following software test must be implemented by the application software: ADC0_SWTEST_REGCRC, ADC1_SWTEST_REGCRC, SIUL_SWTEST_REGCRC Note: Rationale: To verify that the configuration of the module used by this safety function corresponds with what is expected Note: Rationale: To avoid CCF caused by improper configuration of the pads Mandatory: In addition, the software test ADC_SWTEST_CMP must be implemented to compare the channel reads. Note: Rationale: To verify that the two sets of read data compare It is important to note that this safety integrity function might be applied in addition to Single Analog Read Inputs, which increases diagnostic coverage. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |