Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3077 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 20Page - STMicroelectronics AN3077 Datasheet HTML 21Page - STMicroelectronics AN3077 Datasheet HTML 22Page - STMicroelectronics AN3077 Datasheet HTML 23Page - STMicroelectronics AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics AN3077 Datasheet HTML 27Page - STMicroelectronics AN3077 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
Functional safety requirements for application software
AN3077
24/82
DocID16384 Rev 10
Figure 3. Double encoder read input
3.13.3.1.3
Software test implementation
●
ETIMER0_SWTEST_REGCRC
The eTimer_0 configuration registers are read, then a CRC checksum is computed.
This computed checksum is compared to the expected value.
●
ETIMER1_SWTEST_REGCRC
The eTimer_1 configuration registers are read, then a CRC checksum is computed.
This computed checksum is compared to the expected value.
●
SIUL_SWTEST_REGCRC
The configuration registers of the SIUL are read, then a CRC checksum is computed.
This computed checksum is compared to the expected value.
Note:
Implementation hint: The eDMA and CRC modules should be used to implement this SIF
to avoid overloading the CPU.
●
ENCI_SWTEST_CMP
This software test is used to execute the comparison between the double reads
performed by one of the following:
–
one channel on eTimer_0 and one channel on eTimer_1
–
one channel on eTimer_1 and one channel on the SIUL
–
one channel on eTimer_0 and one channel on the SIUL
–
two channels on the SIUL
The comparison must take into account possible approximation because of different
captured values of the input asynchronous signals and the execution of interrupt based
event reads. Approximation required by different behavior of the encoded inputs must
be handled at the application level.
eTimer_0
I
ETC[x]
eTimer_1
I
ETC[y]
Encoder Input Double
Read Configuration
SIUL
I
I
EIRQ[x]
EIRQ[y]
I
= Input Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com