| Electronic Components Datasheet Search |
|
AN3077 Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 82 page ![]() DocID16384 Rev 10 33/82 AN3077 Functional safety requirements for application software 81 3.13.5.2.1 Software test implementation ● SIUL_SWTEST_REGCRC The SIUL configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● ETIMER0_SWTEST_REGCRC The eTimer_0 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● ETIMER1_SWTEST_REGCRC The eTimer_1 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● FLEXPWM0_SWTEST_REGCRC The FlexPWM_0 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● FLEXPWM1_SWTEST_REGCRC The FlexPWM_1 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. Note: Implementation hint: The eDMA and CRC modules should be used to implement this SIF to avoid overloading the CPU. ● PWMRB_SWTEST_CMP This procedure output compares the PWM read back provided by a single channel of the eTimer_0 (eTimer_1) with the expected values that have been written to the FlexPWM_1 (FlexPWM_0) output channel. 3.13.5.2.2 Implementation details The following hardware elements shall be used for the safety function: ● eTimer_0 channels ● eTimer_1 channels ● FlexPWM_0 channels ● FlexPWM_1 channels Mandatory: The pads shall be configured via the appropriate pad configuration registers (PCRn) in the SIUL module. Note: Rationale: To configure pads used by this safety function Table 9. Software BIST and/or test Software BIST or test Frequency SIUL_SWTEST_REGCRC Once after programming ETIMER0_SWTEST_REGCRC(1) 1. This software BIST is needed only if the eTimer channels are used for the safety function. Once after programming ETIMER1_SWTEST_REGCRC(1) Once after programming FLEXPWM0_SWTEST_REGCRC(2) 2. This software BIST is needed only if the FlexPWM channels are used for the safety function. Once after programming FLEXPWM1_SWTEST_REGCRC(2) Once after programming PWMRB_SWTEST_CMP Once every write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |