Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
18
Power-on Detection Circuit and Register Status
The power-on detection circuit operates by power-on the S-35390A H Series, as a result each register is cleared; each
register is set as follows.
Real-time data register:
00 (Y), 01 (M), 01 (D), 0 (day of the week), 00 (H), 00 (M), 00 (S)
Status register 1:
"01h"
Status register 2:
"80h"
INT1 register:
"80h"
INT2 register:
"00h"
Clock correction register:
"00h"
Free register:
"00h"
"1" is set in the POC flag (B0 in the status register 1) to indicate that power has been applied. To correct the oscillation
frequency, the status register 2 goes in the mode the output of user-set frequency, so that 1 Hz clock pulse is output from
the
1
INT
pin. When "1" is set in the POC flag, be sure to initialize. The POC flag is set to "0" due to initialization so that
the output of user-set frequency mode is cleared (Refer to " Register Status After Initialization").
For the regular operation of power-on detection circuit, as seen in Figure 20, the period to power-up the S-35390A H
Series is that the voltage reaches 1.3 V within 10 ms after setting the IC’s power supply voltage at 0 V. When the power-on
detection circuit is not working normally is; the POC flag (B0 in the status register 1) is not in "1", or 1 Hz is not output from
the
1
INT pin. In this case, power-on the S-35390A H Series once again because the internal data may be in the indefinite
status.
Moreover, regarding the processing right after power-on, refer to " Flowchart of Initialization and Example of
Real-time Data Set-up
".
Within 10 ms
1.3 V
0 V
*1
*1.
0 V indicates that there are no potential differences between the VDD
pin and VSS pin of S-35390A H Series.
Figure 20 How to Raise the Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com