Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 11Page - Seiko Instruments Inc S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
15
4. INT1 register and INT2 register
The INT1 and INT2 registers are to set up the output of user-set frequency, or to set up alarm interrupt. Users are able to
switch the output mode by using the status register 2. If selecting to use the output mode for alarm interrupt by status
register 2; these registers work as alarm-time data registers. If selecting the output of user-set frequency by status
register 2; these registers work as data registers to set the frequency for clock output. From each INT1
and INT2 pin,
a clock pulse and alarm interrupt are output.
4. 1 Alarm interrupt
Users can set the alarm time (the data of day of the week, hour, minute) by using the INT1 and INT2 registers which
are 3-byte data registers. The configuration of register is as well as the data register of day of the week, hour, minute,
in the real-time data register; is expressed by the BCD code. Do not set a nonexistent day. Users are necessary to
set up the alarm-time data according to the 12 / 24 hour mode that they set by using the status register 1.
H8
H4
H2
H1
A1mE
m8
m4
m2
m1
H20
H10
m10 m20 m40
H8
H4
H2
H1
A2mE
m8
m4
m2
m1
H20
H10
m10 m20 m40
AM /
PM
A1WE
0
0
W4
W2
W1
B7
B0
0
0
INT1 register
0
0
W4
W2
W1
0
INT2 register
A2WE
A1HE
A2HE
AM /
PM
B7
B0
B7
B0
B7
B0
B7
B0
B7
B0
0
Figure 13 INT1 Register and INT2 Register (Alarm-Time Data)
The INT1 register has A1WE, A1HE, A1mE at B0 in each byte. It is possible to make data valid; the data of day of
the week, hour, minute which are in the corresponding byte; by setting these bits to "1". This is as well in A2WE,
A2HE, A2mE in the INT2 register.
Setting example: alarm time "7:00 pm" in the INT1 register
(1) 12-hour mode (status register 1 B6 = 0)
Set up 7:00 PM
Data written to INT1 register
Day of the week
−
*1
−
*1
−
*1
−
*1
−
*1
−
*1
−
*1
0
Hour
1
1
1
0
0
0
1
1
Minute
0
0
0
0
0
0
0
1
B7
B0
*1.
Don't care (both of 0 and 1 are acceptable).
(2) 24-hour mode (status register 1 B6 = 1)
Set up 19:00 PM
Data written to INT1 register
Day of the week
−
*1
−
*1
−
*1
−
*1
−
*1
−
*1
−
*1
0
Hour
1
0
0
1
1
0
1
*2
1
Minute
0
0
0
0
0
0
0
1
B7
B0
*1.
Don't care (both of 0 and 1 are acceptable).
*2.
Set up the
PM
/
AM
flag along with the time setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com